Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9012S Datasheet(PDF) 12 Page - ESS Technology,Inc

Part # ES9012S
Description  Reference 32-bit Audio DAC Datasheet
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9012S Datasheet(HTML) 12 Page - ESS Technology,Inc

Back Button ES9012S Datasheet HTML 8Page - ESS Technology,Inc ES9012S Datasheet HTML 9Page - ESS Technology,Inc ES9012S Datasheet HTML 10Page - ESS Technology,Inc ES9012S Datasheet HTML 11Page - ESS Technology,Inc ES9012S Datasheet HTML 12Page - ESS Technology,Inc ES9012S Datasheet HTML 13Page - ESS Technology,Inc ES9012S Datasheet HTML 14Page - ESS Technology,Inc ES9012S Datasheet HTML 15Page - ESS Technology,Inc ES9012S Datasheet HTML 16Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Sabre32 Reference Datasheet
CONFIDENTIAL ADVANCE
INFORMATION Rev. 1.2
February 11, 2010
www.esstech.com
12
Vista™
High Definition
Vista™
High Definition
Sample Rate Calculation
The DPLL number can be read back from the SABRE
32 Reference, allowing for calculation of the sample
rate. The sample rate can be calculated using: Fin = (DPLL_NUM * Fcrystal) / 2
32 . F
in must be divided by
64 for I
2S data.
DAC-bar Phase
Each DAC-bar phase can be configured to be in phase with DAC. This allows for the outputs of the DAC
to be summed to drive an amplifier.
DPLL Lock Reset
The DPLL can be forced to relock, which is useful when the sample rate has been changed. This can be
done by setting Register 17 <dpll_lock_rst_reg> high to force the reset, and then low to resume normal
operation.
DPLL Frequency Phase Flip
The DPLL can be set to lock to either the rising or falling edge of the clock. This can be set using
Register 17 <fin_phase_flip>.
PCM Audio Interface Formats
Several interface formats are provided so that direct connection to common audio processors is possible.
The available formats and their accompanying diagrams are listed in the following table. The audio
interface format can be set by programming the registers.
Format
Description
Figure
0
MSB First, Left Justified, up to 32-bit data
1A
1
I2S, up to 32-bit data
3A
2
MSB First, Right Justified, 32-bit data
2A
3
MSB First, Right Justified, 24-bit data
2B
4
MSB First, Right Justified, 20-bit data
2C
5
MSB First, Right Justified, 16-bit data
2D
6
DSD Normal Mode
4A
7
DSD Phase Mode
4B
Table 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com