Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESS9018 Datasheet(PDF) 17 Page - ESS Technology,Inc

Part # ESS9018
Description  Reference 32-bit Audio DAC Datasheet
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ESS9018 Datasheet(HTML) 17 Page - ESS Technology,Inc

Back Button ESS9018 Datasheet HTML 13Page - ESS Technology,Inc ESS9018 Datasheet HTML 14Page - ESS Technology,Inc ESS9018 Datasheet HTML 15Page - ESS Technology,Inc ESS9018 Datasheet HTML 16Page - ESS Technology,Inc ESS9018 Datasheet HTML 17Page - ESS Technology,Inc ESS9018 Datasheet HTML 18Page - ESS Technology,Inc ESS9018 Datasheet HTML 19Page - ESS Technology,Inc ESS9018 Datasheet HTML 20Page - ESS Technology,Inc ESS9018 Datasheet HTML 21Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
Sabre32 Reference Datasheet
February 11, 2010
CONFIDENTIAL ADVANCE
INFORMATION Rev. 1.2
www.esstech.com
17
Vista™
High Definition
Vista™
High Definition
1’b1 = Anti-Phase
[0] : POLARITY OF DAC1
1’b0 = In-Phase
1’b1 = Anti-Phase
Register #14: DAC3/4/7/8 Source IIR Bandwidth, FIR Rolloff (default = 8’b00001011)
[7] : SOURCE OF DAC8
1’b0 = DAC8
1’b1 = DAC6
[6] : SOURCE OF DAC7
1’b0 = DAC7
1’b1 = DAC5
[5] : SOURCE OF DAC4
1’b0 = DAC4
1’b1 = DAC2
[4] : SOURCE OF DAC3
1’b0 = DAC3
1’b1 = DAC1
[3] : RESERVED
o
Must be set to 1’b1 for normal operation.
[2:1] : IIR BANDWIDTH
1’d0 = Normal (for least in-band ripple for PCM data set to Normal)
1’d1 = 50k
1’d2 = 60k
1’d3 = 70k
[0] : FIR ROLLOFF SPEED
1’b0 = Slow Rolloff
1’b1 = Fast Rolloff
Register #15: Mode Control 4
(default = 8’b00000000)
[7:0] : RESERVED
o
Must be set to 8’b00000000 for normal operation.
Register #16: Automute Loopback
(default = 8’b00000000)
[7:4]
RESERVED
[3]
automute_loopback
1'b1 => Ramp volume to -infinity upon automute condition.
1'b0 => Do not ramp volume down upon automute condition.
[2:0]
RESERVED
Register #17: Mode Control 5
(default = 8’b00011100)
[7]
mono_ch_select
1'b1 => Use the right channel when all_mono mode is enabled.
1'b0 => Use the left channel when all_mono mode is enabled.
[6]
OSF_bypass
1'b1 => Send data directly from the I2S receiver to the IIR filter at 8x. This will cause the
signal to bypass the FIR filters as well as the deemphasis filter, but will still apply
the volume controls.
1'b0 => Use the OSF filter (normal operation).
[5]
dpll_lock_rst_reg
1'b1 => Manually override the dpll_lock.
This will force the Jitter Eliminator to relock to the signal.
1'b0 => Normal operation
[4]
auto_deemph
1'b1 => Deemphasis in SPDIF mode is automatically applied with the correct frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com