Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESS9018 Datasheet(PDF) 23 Page - ESS Technology,Inc

Part # ESS9018
Description  Reference 32-bit Audio DAC Datasheet
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ESS9018 Datasheet(HTML) 23 Page - ESS Technology,Inc

Back Button ESS9018 Datasheet HTML 19Page - ESS Technology,Inc ESS9018 Datasheet HTML 20Page - ESS Technology,Inc ESS9018 Datasheet HTML 21Page - ESS Technology,Inc ESS9018 Datasheet HTML 22Page - ESS Technology,Inc ESS9018 Datasheet HTML 23Page - ESS Technology,Inc ESS9018 Datasheet HTML 24Page - ESS Technology,Inc ESS9018 Datasheet HTML 25Page - ESS Technology,Inc ESS9018 Datasheet HTML 26Page - ESS Technology,Inc ESS9018 Datasheet HTML 27Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
Sabre32 Reference Datasheet
February 11, 2010
CONFIDENTIAL ADVANCE
INFORMATION Rev. 1.2
www.esstech.com
23
Vista™
High Definition
Vista™
High Definition
FIR PROGRAMMABLE FILTERS
The SABRE
32 Reference has a two stage interpolating filter with both built-in and programmable
coefficients. Each stage can be programmed and enabled independently. Each channel can also have a
different filter per stage.
Each stage of the FIR filter either uses the built-in coefficients, or the programmable coefficients.
Register 37 bits 5 and 1 are used for setting the filter coefficient sources.
Programming the filter requires passing every coefficient for all 8 channels to the SABRE
32 Reference via
I2C. Stage 1 and Stage 2 must be programmed independently. Programming starts by enabling the
appropriate enable_programming bit in register 37.
To program stage 1, bit 4 of register 37 must be set high. Then the 32bit coefficients are written to
registers 41 (Bits [31:24]), 40 (Bits[23:16]), 39 (Bits[15:8]), 38 (Bits[7:0]) in that order. The first write to
these 4 consecutive register is the 32-bit value for Channel1, coefficient1. The next write to these 4
consecutive registers is the 32-bit value for Channel2, coefficient1. After 8 writes to these 4 consecutive
registers, coefficient 2 for all 8 filters is ready to be input.
There are 64 coefficients to write for Stage 1.
So that is 4 bytes per coefficient, 8 channels and 64 coefficients for a total of 2048 bytes to program the
stage 1.
Once complete, zero must be written to register 38. Bit 4 of register 37 must then be set low to
finalize the programming.
To program stage 2, bit 0 of register 37 must be set high. Then the 32bit coefficients are written to
registers 45 (Bits [31:24]), 44 (Bits [23:16]), 43 (Bits [15:8]), 42 (Bits [7:0]), in that order. The first write to
these 4 consecutive register is the 32-bit value for Channel1, coefficient1. The next write to these 4
consecutive registers is the 32-bit value for Channel2, coefficient1. After 8 writes to these 4 consecutive
registers, coefficient 2 for all 8 filters is ready to be input.
There are 16 coefficients to write for Stage 2.
So that is 4 bytes per coefficient, 8 channels and 16 coefficients for a total of 512 bytes to program the
stage 1.
Once complete, zero must be written to register 42. Bit 0 of register 37 must then be set low
to finalize the programming.
C++ Sample Code for writing custom coefficients to either stage.
void CLoadCoeffDlg::ProgramStage(int nStage)
{
BYTE WE;
BYTE WritePort[4];
BYTE WriteData[4];
int nTotal;
if(nStage==0){
//programming stage 1
WE=0x10;
WritePort[0]=41;
WritePort[1]=40;
WritePort[2]=39;
WritePort[3]=38;
nTotal=64;
}
else{
//programming stage 2
WE=0x01;
WritePort[0]=45;
WritePort[1]=44;
WritePort[2]=43;
WritePort[3]=42;
nTotal=16;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com