Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESS9018 Datasheet(PDF) 34 Page - ESS Technology,Inc

Part # ESS9018
Description  Reference 32-bit Audio DAC Datasheet
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ESS9018 Datasheet(HTML) 34 Page - ESS Technology,Inc

Back Button ESS9018 Datasheet HTML 27Page - ESS Technology,Inc ESS9018 Datasheet HTML 28Page - ESS Technology,Inc ESS9018 Datasheet HTML 29Page - ESS Technology,Inc ESS9018 Datasheet HTML 30Page - ESS Technology,Inc ESS9018 Datasheet HTML 31Page - ESS Technology,Inc ESS9018 Datasheet HTML 32Page - ESS Technology,Inc ESS9018 Datasheet HTML 33Page - ESS Technology,Inc ESS9018 Datasheet HTML 34Page - ESS Technology,Inc ESS9018 Datasheet HTML 35Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
Sabre32 Reference Datasheet
CONFIDENTIAL ADVANCE
INFORMATION Rev. 1.2
February 11, 2010
www.esstech.com
34
Vista™
High Definition
Vista™
High Definition
64 Pin LQFP Mechanical Dimensions
Pin 1
D
D
1
E
1
E
b
e
e
1
A
1
A
2
L
L
1
MILLIMETERS
Symbol
Description
Min.
Nom.
Max.
D
Lead-to Lead, X-axis
11.75
12.00
12.25
D1
Package's Outside, X-axis
9.90
10.00
10.10
E
Lead-to Lead, Y-axis
11.75
12.00
12.25
E1
Package's Outside, Y-axis
9.90
10.00
10.10
A1
Board Standoff
0.05
0.10
0.15
A2
Package Thickness
1.35
1.40
1.45
b
Lead Width
0.17
0.22
0.27
e
Lead Pitch
0.50 BSC
e1
Lead Gap
0.23
0.28
0.33
L
Foot Length
0.45
0.60
0.75
L1
Lead Length
1.00
Coplanarity
0.102
Foot Angle
0º
7º
No. of Leads in X-axis
16
No. of Leads in Y-axis
16
No. of Leads Total
64
Package Type
LQFP
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com