Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X7R Datasheet(PDF) 1 Page - EPCOS

Part # X7R
Description  Multilayer ceramic capacitor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

X7R Datasheet(HTML) 1 Page - EPCOS

  X7R Datasheet HTML 1Page - EPCOS X7R Datasheet HTML 2Page - EPCOS X7R Datasheet HTML 3Page - EPCOS X7R Datasheet HTML 4Page - EPCOS X7R Datasheet HTML 5Page - EPCOS X7R Datasheet HTML 6Page - EPCOS X7R Datasheet HTML 7Page - EPCOS X7R Datasheet HTML 8Page - EPCOS X7R Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Multilayer ceramic capacitor
X7R
Series/Type:
Chip
Ordering code: B37921...
Date:
2005-12-05
Content of inside pages of data sheet. Data will be automatically entered into headers and
footers. Please fill in the table and then change the colour to “White”. This ensures that the
table disappears for the customer pdf.
Identification/Classification 1: (header 1)
Multilayer ceramic capacitor
Identification/Classification 2: (header 2)
HighCV, X7R 1206 50 V
Ordering code:
B37872K5105K0**
Series/Type:
Chip
Preliminary data (optional): (if necessary)
Department:
KB VS PE
Date:
25.10.2005
Prepared by:
Mr. Huainig
Release signed PE:
Dr. Engel
Release signed QS:
Dr. Slakhorst
Modifications/Remarks:
xx
xx
xx
© EPCOS AG 2005. Reproduction, publication and dissemination of this data sheet, enclosures hereto and the information
contained therein without EPCOS' prior express consent is prohibited.


Similar Part No. - X7R

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
X7R MURATA-X7R Datasheet
4Mb / 237P
Explanation of Symbols in This Catalog Lx W dimension: products of 0.6 x 0.3 mm or less
logo
AVX Corporation
X7R AVX-X7R Datasheet
131Kb / 4P
X7R Dielectric General Specifications
X7R AVX-X7R Datasheet
131Kb / 4P
X7R Dielectric General Specifications
X7R AVX-X7R Datasheet
131Kb / 4P
X7R Dielectric General Specifications
logo
WALSIN TECHNOLOGY CORPO...
X7R WALSIN-X7R Datasheet
5Mb / 22P
MULTILAYER CERAMIC CAPACITORS
Apr. 2021
More results

Similar Description - X7R

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL21C220 SAMSUNG-CL21C220 Datasheet
552Kb / 35P
Multilayer Ceramic Capacitor
logo
EPCOS
B37941X EPCOS-B37941X Datasheet
413Kb / 14P
Multilayer ceramic capacitor
B37931K5104K0 EPCOS-B37931K5104K0 Datasheet
64Kb / 5P
Multilayer ceramic capacitor
logo
Samsung semiconductor
CL03C101JA3ANNC SAMSUNG-CL03C101JA3ANNC Datasheet
620Kb / 35P
Multilayer Ceramic Capacitor
CL10B101KB8NNNC SAMSUNG-CL10B101KB8NNNC Datasheet
620Kb / 35P
Multilayer Ceramic Capacitor
CL31B104KCFNNNF SAMSUNG-CL31B104KCFNNNF Datasheet
620Kb / 35P
Multilayer Ceramic Capacitor
CL10C180JB8NNNC SAMSUNG-CL10C180JB8NNNC Datasheet
620Kb / 35P
Multilayer Ceramic Capacitor
CL21C100CBANNNC SAMSUNG-CL21C100CBANNNC Datasheet
620Kb / 35P
Multilayer Ceramic Capacitor
CL05B104KONC SAMSUNG-CL05B104KONC Datasheet
549Kb / 35P
Multilayer Ceramic Capacitor
logo
Murata Manufacturing Co...
GRM31CF11H475ZA01L MURATA1-GRM31CF11H475ZA01L Datasheet
47Kb / 1P
Capacitor Ceramic Multilayer
2015/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com