Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X7R Datasheet(PDF) 2 Page - EPCOS

Part # X7R
Description  Multilayer ceramic capacitor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

X7R Datasheet(HTML) 2 Page - EPCOS

  X7R Datasheet HTML 1Page - EPCOS X7R Datasheet HTML 2Page - EPCOS X7R Datasheet HTML 3Page - EPCOS X7R Datasheet HTML 4Page - EPCOS X7R Datasheet HTML 5Page - EPCOS X7R Datasheet HTML 6Page - EPCOS X7R Datasheet HTML 7Page - EPCOS X7R Datasheet HTML 8Page - EPCOS X7R Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
2
2
12/0505
Features
■
High volumetric efficiency
■
Non-linear capacitance change
■
High insulation resistance
■
High pulse strength
Applications
■
Blocking and coupling
■
Decoupling
■
Interference suppression
Termination
■
For soldering: Nickel-barrier termination (Ni) for case sizes 0402 to 1210
Silver-palladium termination (AgPd) for case sizes 1812 and 2220
(capacitance values
≤1 μF)
■
For conductive adhesion: Silver-palladium termination (AgPd) for all case sizes on request
Options
■
Alternative capacitance tolerances available on request
Delivery mode
■
Cardboard and blister tape (blister tape for chip thickness
≥1.2 ±0.1 mm and case sizes ≥1210),
180-mm and 330-mm reel available
■
Bulk case for case sizes 0603 (16 V, 25 V, 50 V) and 0805 (50 V)
Electrical data
Temperature characteristic
X7R
Climatic category (IEC 60068-1)
55/125/56
Standard
EIA
Dielectric
Class 2
Rated voltage1)
VR
10, 16, 25, 50,100, 200, 500 VDC
Test voltage
Vtest
2.5 · VR/5 s
VDC
Capacitance range2) / E series
CR
100 pF … 1 µF (E3/E6)
Max. relative capacitance change
ΔC/C
±15
%
Dissipation factor (limit value)
tan
δ
<25 · 10–3
<35 · 10–3 for 16 V
Insulation resistance3) at + 25
°CR
ins
>105
M
Ω
Insulation resistance3) at +125
°CR
ins
>104
M
Ω
Time constant3) at + 25
°C
τ
>1000
s
Time constant3) at +125
°C
τ
>100
s
Operating temperature range
Top
–55 … +125
°C
Ageing4)
yes
1) Note: No operation on AC line.
3) For CR >10 nF the time constant τ = C · Rins is given.
2) See also HighCap series in data book or Internet
4) Refer to data book 2003 “General Techn. Inform.”, page 197.
Chip
X7R
Multilayer ceramic capacitors
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com