Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X7R Datasheet(PDF) 3 Page - EPCOS

Part # X7R
Description  Multilayer ceramic capacitor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

X7R Datasheet(HTML) 3 Page - EPCOS

  X7R Datasheet HTML 1Page - EPCOS X7R Datasheet HTML 2Page - EPCOS X7R Datasheet HTML 3Page - EPCOS X7R Datasheet HTML 4Page - EPCOS X7R Datasheet HTML 5Page - EPCOS X7R Datasheet HTML 6Page - EPCOS X7R Datasheet HTML 7Page - EPCOS X7R Datasheet HTML 8Page - EPCOS X7R Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Multilayer ceramic capacitors
3
12/05
X7R
Please read Cautions and warnings and
Important notes at the end of this document.
Capacitance tolerances
Dimensional drawing
Dimensions (mm)
Tolerances to CECC 32101-801
Code letter
J
K
(standard)
M
Tolerance
±5%
±10%
±20%
Case size
(inch)
(mm)
0402
1005
0603
1608
0805
2012
1206
3216
l
1.0
±0.10
1.6
±0.15
2.0
±0.20
3.2
±0.20
b0.5
±0.05
0.8
±0.10
1.25
±0.15
1.6
±0.15
s
0.5
±0.05
0.8
±0.10
1.35 max.
1.30 max.
k
0.1 –0.4
0.1 –0.4
0.13 –0.75
0.25 –0.75
Case size
(inch)
(mm)
1210
3225
1812
4532
2220
5750
l
3.2
±0.30
4.5
±0.30
5.7
±0.40
b2.5
±0.30
3.2
±0.30
5.0
±0.40
s
1.70 max.
1.30 max.
1.30 max.
k
0.25 –0.75
0.25 –1.0
0.25 –1.0
KKE0329-N
k
b
k
X7R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com