Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV321DBVR Datasheet(PDF) 5 Page - Texas Instruments

Part # LPV321DBVR
Description  GENERAL-PURPOSE, LOW-VOLTAGE, LOW-POWER,RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LPV321DBVR Datasheet(HTML) 5 Page - Texas Instruments

  LPV321DBVR Datasheet HTML 1Page - Texas Instruments LPV321DBVR Datasheet HTML 2Page - Texas Instruments LPV321DBVR Datasheet HTML 3Page - Texas Instruments LPV321DBVR Datasheet HTML 4Page - Texas Instruments LPV321DBVR Datasheet HTML 5Page - Texas Instruments LPV321DBVR Datasheet HTML 6Page - Texas Instruments LPV321DBVR Datasheet HTML 7Page - Texas Instruments LPV321DBVR Datasheet HTML 8Page - Texas Instruments LPV321DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
LPV321 SINGLE, LPV358 DUAL, LPV324 QUAD
GENERALPURPOSE, LOW VOLTAGE, LOW POWER, RAILTORAIL OUTPUT
OPERATIONAL AMPLIFIERS
SLOS433I − FEBRUARY 2004 − REVISED MARCH 2005
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
2.7-V electrical characteristics
TA = 25°C, VCC+ = 2.7 V, VCC− = 0 V, VIC = 1 V, VO = VCC+/2, and RL > 1 MΩ (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIO
Input offset voltage
1.2
7
mV
αVIO
Average temperature
coefficient of
input offset voltage
4
mV/°C
IIB
Input bias current
1.7
50
nA
IIO
Input offset current
0.6
40
nA
CMRR
Common-mode
rejection ratio
0
≤ VIC ≤ 1.7 V
50
70
dB
kSVR
Supply-voltage
rejection ratio
2.7 V
≤ VCC+ ≤ 5 V, VIC = 1 V, VO = 1 V
50
65
dB
VICR
Common-mode
input voltage range
CMRR
≥ 50 dB
0 to 1.7
−0.2 to 1.9
V
VO
Output swing
RL = 100 kΩ to 1.35 V
High level
VCC+ − 0.100 VCC+ − 0.003
V
VO
Output swing
RL = 100 kΩ to 1.35 V
Low level
0.080
0.180
V
LPV321
4
8
ICC
Supply current
LPV358 (both amplifiers)
8
16
mA
ICC
Supply current
LPV324 (all four amplifiers)
16
24
mA
SR
Slew rate‡
0.1
V/
ms
GBW
Gain bandwidth product
CL = 22 pF (see Note 5)
205
kHz
Fm
Phase margin
CL = 22 pF (see Note 5)
71
deg
Gain margin
CL = 22 pF (see Note 5)
11
dB
Vn
Equivalent input
noise voltage
f = 1 kHz
178
nV/
√Hz
In
Equivalent input
noise current
f = 1 kHz
0.5
pA/
√Hz
† All typical values are at VCC = 2.7 V, TA = 25°C.
‡ Number specified is the slower of the positive and negative slew rates.
NOTE 5: Closed-loop gain = 18 dB, VIC = VCC+/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com