Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV321DBVR Datasheet(PDF) 9 Page - Texas Instruments

Part # LPV321DBVR
Description  GENERAL-PURPOSE, LOW-VOLTAGE, LOW-POWER,RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LPV321DBVR Datasheet(HTML) 9 Page - Texas Instruments

Back Button LPV321DBVR Datasheet HTML 5Page - Texas Instruments LPV321DBVR Datasheet HTML 6Page - Texas Instruments LPV321DBVR Datasheet HTML 7Page - Texas Instruments LPV321DBVR Datasheet HTML 8Page - Texas Instruments LPV321DBVR Datasheet HTML 9Page - Texas Instruments LPV321DBVR Datasheet HTML 10Page - Texas Instruments LPV321DBVR Datasheet HTML 11Page - Texas Instruments LPV321DBVR Datasheet HTML 12Page - Texas Instruments LPV321DBVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
LPV321 SINGLE, LPV358 DUAL, LPV324 QUAD
GENERALPURPOSE, LOW VOLTAGE, LOW POWER, RAILTORAIL OUTPUT
OPERATIONAL AMPLIFIERS
SLOS433I − FEBRUARY 2004 − REVISED MARCH 2005
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Figure 5
0.001
0.01
0.1
1
10
100
1k
0.001
0.01
0.1
1
10
Output Voltage Referenced to GND − V
SINKING CURRENT
vs
OUTPUT VOLTAGE
VCC+ = 2.7 V
Figure 6
0.001
0.01
0.1
1
10
100
1k
0.001
0.01
0.1
1
10
Output Voltage Referenced to GND − V
SINKING CURRENT
vs
OUTPUT VOLTAGE
VCC+ = 5 V
Figure 7
0
20
40
60
80
100
120
140
160
180
200
220
240
2.5
3
3.5
4
4.5
5
5.5
OUTPUT VOLTAGE SWING
vs
SUPPLY VOLTAGE
RL = 10 kΩ
Negative Swing
Positive Swing
Rl Terminated to Opposing Supply Rail
RL = 100 kΩ
RL = 100 kΩ
RL = 10 kΩ
VCC+ − Supply Voltage − V
Figure 8
100
120
140
160
180
200
220
10
100
1k
Frequency − Hz
INPUT VOLTAGE NOISE
vs
FREQUENCY
VCC+ = 5 V
VCC+ = 2.7 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com