Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV321DBVR Datasheet(PDF) 1 Page - Texas Instruments

Part # LPV321DBVR
Description  GENERAL-PURPOSE, LOW-VOLTAGE, LOW-POWER,RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LPV321DBVR Datasheet(HTML) 1 Page - Texas Instruments

  LPV321DBVR Datasheet HTML 1Page - Texas Instruments LPV321DBVR Datasheet HTML 2Page - Texas Instruments LPV321DBVR Datasheet HTML 3Page - Texas Instruments LPV321DBVR Datasheet HTML 4Page - Texas Instruments LPV321DBVR Datasheet HTML 5Page - Texas Instruments LPV321DBVR Datasheet HTML 6Page - Texas Instruments LPV321DBVR Datasheet HTML 7Page - Texas Instruments LPV321DBVR Datasheet HTML 8Page - Texas Instruments LPV321DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LPV321 SINGLE, LPV358 DUAL, LPV324 QUAD
GENERALPURPOSE, LOW VOLTAGE, LOW POWER, RAILTORAIL OUTPUT
OPERATIONAL AMPLIFIERS
SLOS433I − FEBRUARY 2004 − REVISED MARCH 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 2.7-V and 5-V Performance
D −40°C to 125°C Specification at 5 V
D No Crossover Distortion
D Gain Bandwith of 152 kHz
D Low Supply Current
− LPV321 ...9
µA
− LPV358 ...15
µA
− LPV324 ...28
µA
D Rail-to-Rail Output Swing at 100-kΩ Load
− VCC+ − 3.5 mV
− VCC− + 90 mV
D VICR ...−0.2 V to VCC+ − 0.8 V
D Stable With Capacitive Load of 1000 pF
D Applications
− Active Filters
− General-Purpose, Low-Voltage
Applications
− Low-Power and/or Portable Applications
D Latch-Up Performance Exceeds 100 mA per
JESD 78, Class II
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
description/ordering information
The LPV321/358/324 devices are low-power (9
µA per channel at 5 V) versions of the LMV321/358/324
operational amplifiers. These are additions to the LMV321/358/324 family of commodity operational amplifiers.
The LPV321/358/324 devices are the most cost-effective solutions for applications where low voltage,
low-power operation, space saving, and low price are needed. These devices have rail-to-rail output-swing
capability, and the input common-mode voltage range includes ground. They all exhibit excellent speed-power
ratios, achieving 152 kHz of bandwidth, with a supply current of only 9
µA typical.
The LPV321, LPV358, and LPV324 are characterized for operation from −40
°C to 85°C. The LPV321I,
LPV358I, and LPV324I are characterized for operation from −40
°C to 125°C.
Copyright
 2005, Texas Instruments Incorporated
LPV321 . . . DBV OR DCK PACKAGE
(TOP VIEW)
1
2
3
5
4
IN+
VCC−
IN−
VCC+
OUTPUT
LPV358 ...D, DDU, OR DGK PACKAGE
(TOP VIEW)
LPV324 ...D OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN−
1IN+
VCC+
2IN+
2IN−
2OUT
4OUT
4IN−
4IN+
VCC−
3IN+
3IN−
3OUT
1
2
3
4
8
7
6
5
1OUT
1IN−
1IN+
VCC−
VCC+
2OUT
2IN−
2IN+
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - LPV321DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LPV321DBVR TI-LPV321DBVR Datasheet
430Kb / 17P
GENERAL-PURPOSE, LOW-VOLTAGE, LOW-POWER,RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS
LPV321DBVR TI1-LPV321DBVR Datasheet
798Kb / 23P
GENERAL-PURPOSE, LOW-VOLTAGE, LOW-POWER, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LPV321DBVRE4 TI1-LPV321DBVRE4 Datasheet
798Kb / 23P
GENERAL-PURPOSE, LOW-VOLTAGE, LOW-POWER, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LPV321DBVRG4 TI1-LPV321DBVRG4 Datasheet
798Kb / 23P
GENERAL-PURPOSE, LOW-VOLTAGE, LOW-POWER, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - LPV321DBVR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LPV321 NSC-LPV321 Datasheet
715Kb / 21P
General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers
logo
Unisonic Technologies
UTCLMV358 UTC-UTCLMV358 Datasheet
925Kb / 9P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LPV321 TI-LPV321 Datasheet
430Kb / 17P
GENERAL-PURPOSE, LOW-VOLTAGE, LOW-POWER,RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LMV358 UTC-LMV358_05 Datasheet
269Kb / 12P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
LMV321 DIODES-LMV321 Datasheet
630Kb / 16P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
/LMV324 Rev. 1
LMV321 DIODES-LMV321_10 Datasheet
625Kb / 15P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
DS33196 Rev. 5 - 2
logo
Unisonic Technologies
LMV358 UTC-LMV358_09 Datasheet
459Kb / 12P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LV358 UTC-LV358 Datasheet
412Kb / 12P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LV324 UTC-LV324 Datasheet
184Kb / 6P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LPV358 TI1-LPV358 Datasheet
798Kb / 23P
GENERAL-PURPOSE, LOW-VOLTAGE, LOW-POWER, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com