Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC0738 Datasheet(PDF) 80 Page - NEXTCHIP Co,Ltd

Part # VC0738
Description  4-CH AHD2.0 RX and 9-CH Audio Codec
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXTCHIP [NEXTCHIP Co,Ltd]
Direct Link  https://www.nextchip.com/en/
Logo NEXTCHIP - NEXTCHIP Co,Ltd

VC0738 Datasheet(HTML) 80 Page - NEXTCHIP Co,Ltd

Back Button VC0738 Datasheet HTML 76Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 77Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 78Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 79Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 80Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 81Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 82Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 83Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 84Page - NEXTCHIP Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 127 page
background image
NVP6124
Data sheet
02.11.2015 (REV 0.2)
78/125
4-CH AHD2.0 RX and 9-CH Audio Codec
Registers to Control Chrominance
ADDRESS
REGISTER NAME
BITS
VALUE
DESCRIPTION
Bank
Addr
30P
25P
0
0x21
PAL_CM_OFF_1
[7]
0x92
(AHD)
/
0x82
(960H)
0x92
(AHD)
/
0x02
(960H)
PAL_CM_OFF_x (x
=
channel 1~4 )
: PAL Compensation On/Off.
0
:
PAL Compensation applied
1
:
PAL Compensation not applied.
0x25
PAL_CM_OFF_2
0x29
PAL_CM_OFF_3
0x2D
PAL_CM_OFF_4
0x21
IF_FIR_SEL_1
[6:4]
IF_FIR_SEL_x (x
=
channel 1~4 )
: IF Filter drive mode selected.
000
:
bypass
001
:
mode1
010
:
mode2
Others
:
mode3
0x25
IF_FIR_SEL_2
0x29
IF_FIR_SEL_3
0x2D
IF_FIR_SEL_4
0x21
CLPF_SEL_1
[3:0]
CLPF_SEL_x (x
=
channel 1~4 )
: C low pass filter applied mode applied after color demodulation.
0000 : Bypass
0001 : 0.6MHz cut off
0010 : 1.0MHz cut off
0011 : 1.2MHz cut off
Others : Bypass
0x25
CLPF_SEL_2
0x29
CLPF_SEL_3
0x2D
CLPF_SEL_4
Registers to Control Chrominance
ADDRESS
REGISTER NAME
BITS
VALUE
DESCRIPTION
Bank
Addr
30P
25P
0
0x22
COLOROFF_1
[4]
0x0B
0x0B
COLOROFF_x (x
=
channel 1~4 )
: COLOR OFF
0x26
COLOROFF_2
0x2A
COLOROFF_3
0 : Color ON
1 : Color OFF
0x2E
COLOROFF_4
0x22
C_KILL_1
[3:0]
C_KILL_x[3]
(x
=
channel 1~4 )
: Select to Color kill mode
0 : Not Y/C separation
1 : Color kill after Y/C separation
C_KILL_x[2:0]
(x
=
channel 1~4 )
: color kill control.
000 : Burst Amplitude 10% Under & FSC Unlock
001 : Burst Amplitude 5% Under & FSC Unlock
010 : Burst Amplitude 10 % Under
011 : Burst Amplitude 5% Under
100 : Always color on
101 : Always color on.
110 : Always color off
111 : Always color off
0x26
C_KILL_2
0x2A
C_KILL_3
0x2E
C_KILL_4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com