Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC0738 Datasheet(PDF) 83 Page - NEXTCHIP Co,Ltd

Part # VC0738
Description  4-CH AHD2.0 RX and 9-CH Audio Codec
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXTCHIP [NEXTCHIP Co,Ltd]
Direct Link  https://www.nextchip.com/en/
Logo NEXTCHIP - NEXTCHIP Co,Ltd

VC0738 Datasheet(HTML) 83 Page - NEXTCHIP Co,Ltd

Back Button VC0738 Datasheet HTML 79Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 80Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 81Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 82Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 83Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 84Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 85Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 86Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 87Page - NEXTCHIP Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 127 page
background image
NVP6124
Data sheet
02.11.2015 (REV 0.2)
81/125
4-CH AHD2.0 RX and 9-CH Audio Codec
Registers to Control Field Polarity
ADDRESS
REGISTER NAME
BITS
VALUE
DESCRIPTION
Bank
Addr
30P
25P
0
0x54
FLD_INV_4
[7]
0xF
0x0
FLD_INV_x
(x =
channel 1~4 )
: Field Polarity Control
FLD_INV_3
[6]
FLD_INV_2
[5]
0
:
not Inversion
1
:
Inversion
FLD_INV_1
[4]
Registers to Insert No Video Information
ADDRESS
REGISTER NAME
BITS
VALUE
DESCRIPTION
Bank
Addr
30P
25P
0
0x54
NOVID_INF_IN_14
[3]
0x0
0x0
NOVID_INF_IN _14 (CH1~CH4)
: It can include a NO-Video information at MSB of EAV and SAV.
0
:
No information
1
:
Put no-video information in EAV or SAV
Registers to Control Channel ID
ADDRESS
REGISTER NAME
BITS
VALUE
DESCRIPTION
Bank
Addr
30P
25P
0
0x54
CHID_TYPE_14
[2:0]
0x1
0x1
CHID_TYPE_x
(x =
channel 1~4 )
: It determines type of channel ID.
0x55
CHID_VIN_1
[3:0]
0x10
0x10
CHID_VIN_x
(x =
channel 1~4 )
: Register to put CHANNEL ID to distinguish channel. (0x0~0xF)
CHID_VIN_2
[7:4]
0x56
CHID_VIN_3
[3:0]
0x10
0x10
CHID_VIN_4
[7:4]
Registers to Control Video Output Timing
ADDRESS
REGISTER NAME
BITS
VALUE
DESCRIPTION
Bank
Addr
30P
25P
0
0x58
H_DELAY_1
[7:0]
0xA0
0x90
H_DELAY_x
: Register to determine the Horizontal start position of output image to Hsync
extracted in analog input signal.
(x =
channel 1~4 )
0x59
H_DELAY_2
0x5A
H_DELAY_3
0x5B
H_DELAY_4
0x5C
V_DELAY_1
[5:0]
0x9E
(AHD)
0x1E
(960H)
0x9E
(AHD)
0x1E
(960H)
V_DELAY_x[5]
: V_DELAY_x[4:0] Control Enable (x =
channel 1~4 )
V_DELAY_x[4:0] (When V_DELAY_x[5] = 1)
: Register to determine the Vertical start position of output image to Vsync
extracted in analog input signal.
(x =
channel 1~4 )
0x5D
V_DELAY_2
0x5E
V_DELAY_3
0x5F
V_DELAY_4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com