Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC0738 Datasheet(PDF) 17 Page - NEXTCHIP Co,Ltd

Part # VC0738
Description  4-CH AHD2.0 RX and 9-CH Audio Codec
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXTCHIP [NEXTCHIP Co,Ltd]
Direct Link  https://www.nextchip.com/en/
Logo NEXTCHIP - NEXTCHIP Co,Ltd

VC0738 Datasheet(HTML) 17 Page - NEXTCHIP Co,Ltd

Back Button VC0738 Datasheet HTML 13Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 14Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 15Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 16Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 17Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 18Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 19Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 20Page - NEXTCHIP Co,Ltd VC0738 Datasheet HTML 21Page - NEXTCHIP Co,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 127 page
background image
NVP6124
Data sheet
02.11.2015 (REV 0.2)
15/125
4-CH AHD2.0 RX and 9-CH Audio Codec
2.8. Data Output Order & Direction Control
NVP6124 can change the order of the output pin in the All Output Mode as shown in Table 2.2.
(OUT_DATA_INV, 0xD2[5:2] Bank1) Furthermore, as Clock and Data pins control direction so may it
does nothing with interconnected back-end device and how control related control register as shown
in Table 2.3. ( VCLK_x_EN, 0xCA[7:5] Bank1 / VDO_x_EN, 0xCA[3:1] Bank1 )
Table 2.2. Data Output Pin Order Control
Address (Bank1)
state
Data Output of Port X
0xD2, OUT_DATA_INV[5]
0
VDO4[7:0]
1
VDO4[0:7]
0xD2, OUT_DATA_INV[4]
0
VDO3[7:0]
1
VDO3[0:7]
0xD2, OUT_DATA_INV[3]
0
VDO2 [7:0]
1
VDO2 [0:7]
0xD2, OUT_DATA_INV[2]
0
VDO1 [7:0]
1
VDO1 [0:7]
Table 2.3. Output Clock and Data Direction Control
Address (Bank1)
state
Data Output of Port X
0xCA[4],VCLK_1_EN
0xCA[0], VDO_1_EN
0
High
’z
1
Output Enable
0xCA[5],VCLK_2_EN
0xCA[1], VDO_2_EN
0
High
’z
1
Output Enable
0xCA[6],VCLK_3_EN
0xCA[2], VDO_3_EN
0
High
’z
1
Output Enable
0xCA[7],VCLK_4_EN
0xCA[3], VDO_4_EN
0
High
’z
1
Output Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com