Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF51802-QCAA-R Datasheet(PDF) 1 Page - Nordic Semiconductor

Part # NRF51802-QCAA-R
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51802-QCAA-R Datasheet(HTML) 1 Page - Nordic Semiconductor

  NRF51802-QCAA-R Datasheet HTML 1Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 2Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 3Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 4Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 5Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 6Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 7Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 8Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 9Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 85 page
background image
Copyright © 2015 Nordic Semiconductor ASA. All rights reserved.
Reproduction in whole or in part is prohibited without the prior written permission of the copyright holder.
nRF51802
Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
Product Specification v1.2
Key Features
•2.4 GHz transceiver
• -91 dBm sensitivity in Bluetooth® low energy mode
• 250 kbps, 1 Mbps, 2 Mbps supported data rates
• TX Power -20 to +4 dBm in 4 dB steps
• TX Power -35 dBm Whisper mode
• 13 mA peak RX, 10.5 mA peak TX (0 dBm)
• 10 mA peak RX, 8 mA peak TX (0 dBm) with DC/DC
• RSSI (1 dB resolution)
• ARM® Cortex™-M0 32 bit processor
• 275 μA/MHz running from flash memory
• 150 μA/MHz running from RAM
• Serial Wire Debug (SWD)
• S100 series SoftDevice ready
•Memory
• 256 kB embedded flash program memory
• 16 kB RAM
• On-air compatibility with nRF24L series
• Flexible Power Management
• Supply voltage range 1.8 V to 3.6 V
• 7.7 μs wake-up using 16 MHz RCOSC
• 0.6 μA at 3 V OFF mode
• 1.2 μA at 3 V in OFF mode + 1 region RAM retention
• 3 μA at 3 V ON mode, all blocks IDLE
• 8/9/10 bit ADC - 8 configurable channels
• 31 General Purpose I/O Pins
• One 32 bit and two 16 bit timers with counter mode
•SPI Master/Slave
• Low power comparator
• Temperature sensor
• Two-wire Master (I2C compatible)
•UART (CTS/RTS)
• CPU independent Programmable Peripheral Interconnect (PPI)
• Quadrature Decoder (QDEC)
• AES HW encryption
• Real Timer Counter (RTC)
• Package variants:
• QFN48 package, 6 x 6 mm
• QFN32 package, 5 x 5 mm
Applications
• Computer peripherals and I/O devices
•Mouse
•Keyboard
• Multi-touch trackpad
• Interactive entertainment devices
•Remote control
•Gaming controller
•Beacons
• Personal Area Networks
• Health/fitness sensor and monitor
devices
• Medical devices
• Key-fobs + wrist watches
• Remote control toys


Similar Part No. - NRF51802-QCAA-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NRF51822 ETC1-NRF51822 Datasheet
256Kb / 2P
Multi-protocol Bluetooth Low Energy and 2.4GHz proprietary system-on-chip
logo
Nordic Semiconductor
NRF51822 NORDIC-NRF51822 Datasheet
7Mb / 130P
Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
July 2016 v3.3
NRF51822-CDAA-R NORDIC-NRF51822-CDAA-R Datasheet
7Mb / 130P
Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
July 2016 v3.3
NRF51822-CDAA-R7 NORDIC-NRF51822-CDAA-R7 Datasheet
7Mb / 130P
Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
July 2016 v3.3
NRF51822-CDAA-T NORDIC-NRF51822-CDAA-T Datasheet
7Mb / 130P
Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
July 2016 v3.3
More results

Similar Description - NRF51802-QCAA-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2540F128 TI1-CC2540F128 Datasheet
771Kb / 33P
2.4-GHz Bluetooth짰 low energy System-on-Chip
CC2540F128 TI1-CC2540F128_11 Datasheet
850Kb / 34P
2.4-GHz Bluetooth low energy System-on-Chip
JULY2011
CC2541 TI-CC2541_12 Datasheet
742Kb / 33P
2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541F128RHAR TI-CC2541F128RHAR Datasheet
429Kb / 32P
2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541F256RHAR TI-CC2541F256RHAR Datasheet
345Kb / 30P
2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541F256RHAT TI1-CC2541F256RHAT Datasheet
440Kb / 32P
2.4-GHz Bluetooth low energy and Proprietary System-on-Chip
CC2540F128 TI1-CC2540F128_14 Datasheet
1Mb / 36P
2.4-GHz Bluetooth low energy System-on-Chip
CC2541 TI-CC2541_15 Datasheet
921Kb / 34P
2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2540F128 TI1-CC2540F128_16 Datasheet
1Mb / 35P
2.4-GHz Bluetooth low energy System-on-Chip
CC2541 TI1-CC2541 Datasheet
972Kb / 34P
2.4-GHz Bluetooth low energy and Proprietary System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com