Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF51802-QCAA-R Datasheet(PDF) 21 Page - Nordic Semiconductor

Part # NRF51802-QCAA-R
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51802-QCAA-R Datasheet(HTML) 21 Page - Nordic Semiconductor

Back Button NRF51802-QCAA-R Datasheet HTML 17Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 18Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 19Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 20Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 21Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 22Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 23Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 24Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 25Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 85 page
background image
Page 21
nRF51802 Product Specification v1.2
3.4.2.2
System ON mode
In system ON mode the system is fully operational and the CPU and selected peripherals can be brought
into a state where they are functional and more or less responsive depending on the sub-power mode
selected.
There are two sub-power modes:
•Low power
• Constant latency
Low Power
In Low Power mode the automatic power management system is optimized to save power. This is done by
keeping as much as possible of the system powered down. The cost of this is that you will have varying CPU
wakeup latency and PPI task response.
The CPU wakeup latency will be affected by the startup time of the 1V7 regulator. The PPI task response will
vary depending on the resources required by the peripheral where the task originated.
The resources that could be involved are:
• 1V7 with the startup time t1V7
• 1V2 with the startup time t1V2
• One of the following clock sources
• RC16 with the startup time tSTART,RC16
• XO16M/XO32M with the startup time the clock management system tXO
1
Constant Latency
In Constant Latency mode the system is optimized towards keeping the CPU latency and the PPI task
response constant and at a minimum. This is secured by forcing a set of base resources on while in sleep
mode. The cost is that the system will have higher power consumption.
The following resources are kept active while in sleep mode:
• 1V7 regulator with the standby current of I1V7
• 1V2 regulator. Here the current consumption is specified in combination with the clock
source
• One of the following clock sources:
• RC16 with the standby current of I1V2RC16
• XO16M with the standby current of I1V2XO16
• XO32M with the standby current of I1V2XO32
1. For the clock source XO16M and XO32M we assume that the crystal is already running (standby). This will give an increase of the
power consumption in sleep mode given by ISTBY,X16M / ISTBY,X32M.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com