Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF51802-QCAA-R Datasheet(PDF) 20 Page - Nordic Semiconductor

Part # NRF51802-QCAA-R
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51802-QCAA-R Datasheet(HTML) 20 Page - Nordic Semiconductor

Back Button NRF51802-QCAA-R Datasheet HTML 16Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 17Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 18Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 19Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 20Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 21Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 22Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 23Page - Nordic Semiconductor NRF51802-QCAA-R Datasheet HTML 24Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 85 page
background image
Page 20
nRF51802 Product Specification v1.2
3.4.2
Power management
The power management system is highly flexible with functional blocks such as the CPU, Radio Transceiver,
and peripherals having separate power state control in addition to the global System ON and OFF modes. In
System OFF mode, RAM can be retained and the device state can be changed to System ON through Reset,
GPIO DETECT signal, or LPCOMP ANADETECT signal. When in System ON mode, all functional blocks will
independently be in IDLE or RUN mode depending on needed functionality.
Power management features:
• Supervisor HW to manage
•Power on reset
•Brownout reset
• Power fail comparator
• System ON/OFF modes
• Pin wake-up from System OFF
•Reset
• GPIO DETECT signal
• LPCOMP ANADETECT signal
• Functional block RUN/IDLE modes
• RAM retention in System OFF mode (8 kB blocks)
• 16 kB version will have 2 blocks
3.4.2.1
System OFF mode
In system OFF mode the chip is in the deepest power saving mode. The system's core functionality is
powered down and all ongoing tasks are terminated. The only functionality that can be set up to be
responsive is the Pin wake-up mechanism.
One or more blocks of RAM can be retained while in System OFF mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com