Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP601-I/P Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP601-I/P
Description  2.7V to 5.5V Single-Supply CMOS Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP601-I/P Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP601-I/P Datasheet HTML 7Page - Microchip Technology MCP601-I/P Datasheet HTML 8Page - Microchip Technology MCP601-I/P Datasheet HTML 9Page - Microchip Technology MCP601-I/P Datasheet HTML 10Page - Microchip Technology MCP601-I/P Datasheet HTML 11Page - Microchip Technology MCP601-I/P Datasheet HTML 12Page - Microchip Technology MCP601-I/P Datasheet HTML 13Page - Microchip Technology MCP601-I/P Datasheet HTML 14Page - Microchip Technology MCP601-I/P Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
 2004 Microchip Technology Inc.
DS21314F-page 11
MCP601/2/3/4
3.0
APPLICATIONS INFORMATION
The MCP601/2/3/4 family of op amps are fabricated on
Microchip’s state-of-the-art CMOS process. They are
unity-gain stable and suitable for a wide range of
general purpose applications.
3.1
Input
The MCP601/2/3/4 amplifier family is designed to not
exhibit phase reversal when the input pins exceed the
supply rails. Figure 2-33 shows an input voltage that
exceeds both supplies with no resulting phase
inversion.
The Common Mode Input Voltage Range (VCMR)
includes ground in single-supply systems (VSS), but
does not include VDD. This means that the amplifier
input behaves linearly as long as the Common Mode
Input Voltage (VCM) is kept within the specified VCMR
limits (VSS – 0.3V to VDD – 1.2V at +25°C).
Input voltages that exceed the input voltage range
(VSS – 0.3V to VDD – 1.2V at +25°C) can cause exces-
sive current to flow into or out of the input pins. Current
beyond ±2 mA may cause reliability problems.
Applications that exceed this rating must externally
limit the input current with a resistor (RIN), as shown in
Figure 3-1.
FIGURE 3-1:
RIN limits the current flow
into an input pin.
3.2
Rail-to-Rail Output
There are two specifications that describe the output
swing capability of the MCP601/2/3/4 family of op amps.
The first specification (Maximum Output Voltage Swing)
defines the absolute maximum swing that can be
achieved under the specified load conditions. For
instance, the output voltage swings to within 15 mV of
the negative rail with a 25 k
Ω load to VDD/2. Figure 2-33
shows how the output voltage is limited when the input
goes beyond the linear region of operation.
The second specification that describes the output
swing capability of these amplifiers is the Linear Output
Voltage Swing. This specification defines the maximum
output swing that can be achieved while the amplifier is
still operating in its linear region. To verify linear
operation in this range, the large signal (DC Open-Loop
Gain (AOL)) is measured at points 100 mV inside the
supply rails. The measurement must exceed the
specified gains in the specification table.
3.3
MCP603 Chip Select (CS)
The MCP603 is a single amplifier with Chip Select
(CS). When CS is pulled high, the supply current drops
to -0.7 µA (typ.), which is pulled through the CS pin to
VSS. When this happens, the amplifier output is put into
a high-impedance state. Pulling CS low enables the
amplifier and, if the CS pin is left floating, the amplifier
may not operate properly. Figure 1-1 is the Chip Select
timing diagram and shows the output voltage, supply
currents and CS current in response to a CS pulse.
Figure 2-27 shows the measured output voltage
response to a CS pulse.
3.4
Capacitive Loads
Driving large capacitive loads can cause stability
problems for voltage feedback op amps. As the load
capacitance increases, the feedback loop’s phase
margin decreases and the closed-loop bandwidth is
reduced. This produces gain peaking in the frequency
response with overshoot and ringing in the step
response.
When driving large capacitive loads with these op
amps (e.g., > 40 pF when G = +1), a small series
resistor at the output (RISO in Figure 3-2) improves the
feedback loop’s phase margin (stability) by making the
output load resistive at higher frequencies. The
bandwidth will be generally lower than the bandwidth
with no capacitive load.
FIGURE 3-2:
Output resistor RISO
stabilizes large capacitive loads.
Figure 3-3 gives recommended RISO values for
different capacitive loads and gains. The x-axis is the
normalized load capacitance (CL/GN) in order to make
it easier to interpret the plot for arbitrary gains. GN is the
circuit’s noise gain. For non-inverting gains, GN and the
gain are equal. For inverting gains, GN = 1 + |Gain|
(e.g., -1 V/V gives GN = +2 V/V).
MCP60X
RIN
VIN
+
–
RIN
maximum expected VIN
() VDD
–
2 mA
------------------------------------------------------------------------------
≥
RIN
VSS
minimum expected VIN
()
–
2 mA
---------------------------------------------------------------------------
≥
MCP60X
RISO
VOUT
CL
RF
RG
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com