Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP601-I/P Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP601-I/P
Description  2.7V to 5.5V Single-Supply CMOS Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP601-I/P Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP601-I/P Datasheet HTML 10Page - Microchip Technology MCP601-I/P Datasheet HTML 11Page - Microchip Technology MCP601-I/P Datasheet HTML 12Page - Microchip Technology MCP601-I/P Datasheet HTML 13Page - Microchip Technology MCP601-I/P Datasheet HTML 14Page - Microchip Technology MCP601-I/P Datasheet HTML 15Page - Microchip Technology MCP601-I/P Datasheet HTML 16Page - Microchip Technology MCP601-I/P Datasheet HTML 17Page - Microchip Technology MCP601-I/P Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
MCP601/2/3/4
DS21314F-page 14
 2004 Microchip Technology Inc.
4.0
DESIGN TOOLS
Microchip provides the basic design tools needed for
the MCP601/2/3/4 family of op amps.
4.1
SPICE Macro Model
The latest SPICE macro model of the MCP601/2/3/4 op
amps is available on Microchip’s web site at
www.microchip.com. This model is intended as an
initial design tool that works well in the op amp’s linear
region of operation at room temperature. See the
SPICE model firmware for information on its
capabilities.
Bench testing is a very important part of any design and
cannot be replaced with simulations. Also, simulation
results using this macro model need to be validated by
comparing them to the data sheet specs and plots.
4.2
FilterLab® 2.0
FilterLab® 2.0 is an innovative software tool that
simplifies analog active-filter (using op amps) design.
Available at no cost from Microchip’s web site at
www.microchip.com, the FilterLab active-filter software
design tool provides full schematic diagrams of the filter
circuit with component values. It also outputs the filter
circuit in SPICE format, which can be used with the
macro model to simulate actual filter performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com