Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP601-I/P Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP601-I/P
Description  2.7V to 5.5V Single-Supply CMOS Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP601-I/P Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP601-I/P Datasheet HTML 8Page - Microchip Technology MCP601-I/P Datasheet HTML 9Page - Microchip Technology MCP601-I/P Datasheet HTML 10Page - Microchip Technology MCP601-I/P Datasheet HTML 11Page - Microchip Technology MCP601-I/P Datasheet HTML 12Page - Microchip Technology MCP601-I/P Datasheet HTML 13Page - Microchip Technology MCP601-I/P Datasheet HTML 14Page - Microchip Technology MCP601-I/P Datasheet HTML 15Page - Microchip Technology MCP601-I/P Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
MCP601/2/3/4
DS21314F-page 12
 2004 Microchip Technology Inc.
FIGURE 3-3:
Recommended RISO values
for capacitive loads.
Once you’ve selected RISO for your circuit, double-
check the resulting frequency response peaking and
step response overshoot in your circuit. Evaluation on
the bench and simulations with the MCP601/2/3/4
SPICE macro model are very helpful. Modify RISO’s
value until the response is reasonable.
3.5
Supply Bypass
With this family of op amps, the power supply pin (VDD
for single-supply) should have a local bypass capacitor
(i.e., 0.01 µF to 0.1 µF) within 2 mm for good high-fre-
quency performance. It also needs a bulk capacitor
(i.e., 1 µF or larger) within 100 mm to provide large,
slow currents. This bulk capacitor can be shared with
other parts.
3.6
PCB Surface Leakage
In applications where low input bias current is critical,
printed circuit board (PCB) surface leakage effects
need to be considered. Surface leakage is caused by
humidity, dust or other contamination on the board.
Under low humidity conditions, a typical resistance
between nearby traces is 1012
Ω. A 5V difference
would cause 5 pA of current to flow. This is greater
than the MCP601/2/3/4 family’s bias current at +25°C
(1 pA, typ.).
The easiest way to reduce surface leakage is to use a
guard ring around sensitive pins (or traces). The guard
ring is biased at the same voltage as the sensitive pin.
An example of this type of layout is shown in
Figure 3-4.
FIGURE 3-4:
Example Guard Ring layout.
1.
Connect the guard ring to the inverting input pin
(VIN–) for non-inverting gain amplifiers, includ-
ing unity-gain buffers. This biases the guard ring
to the common mode input voltage.
2.
Connect the guard ring to the non-inverting input
pin (VIN+) for inverting gain amplifiers and
transimpedance amplifiers (converts current to
voltage, such as photo detectors). This biases
the guard ring to the same reference voltage as
the op amp (e.g., VDD/2 or ground).
3.7
Typical Applications
3.7.1
ANALOG FILTERS
Figure 3-5 and Figure 3-6 show low-pass, second-
order, Butterworth filters with a cutoff frequency of
10 Hz. The filter in Figure 3-5 has a non-inverting gain
of +1 V/V, and the filter in Figure 3-6 has an inverting
gain of -1 V/V.
FIGURE 3-5:
Second-Order, Low-Pass
Sallen-Key Filter.
FIGURE 3-6:
Second-Order, Low-Pass
Multiple-Feedback Filter.
The MCP601/2/3/4 family of op amps have low input
bias current, which allows the designer to select larger
resistor values and smaller capacitor values for these
filters. This helps produce a compact PCB layout.
These filters, and others, can be designed using
Microchip’s FilterLab® software.
10
100
1,000
10
100
1,000
10,000
Normalized Load Capacitance; CL / GN (F)
10p
100p
1n
10n
10
100
1k
GN = +1
GN +2
Guard Ring
VIN– VIN+
C2
VOUT
R1
R2
C1
VIN
47 nF
382 k
Ω 641 kΩ
22 nF
G = +1 V/V
fP = 10 Hz
MCP60X
+
–
C2
VOUT
R1
R3
C1
VIN
R2
VDD/2
G = -1 V/V
fP = 10 Hz
618 k
Ω
618 k
Ω 1.00 MΩ
8.2 nF
47 nF
MCP60X
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com