Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT4921 Datasheet(PDF) 6 Page - Hotchip Technology Co.,Ltd

Part # HT4921
Description  Li-ion Battery Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT4921 Datasheet(HTML) 6 Page - Hotchip Technology Co.,Ltd

  HT4921 Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT4921 Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT4921 Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT4921 Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT4921 Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT4921 Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT4921 Datasheet HTML 7Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
HT4921
6
功能及参数:
 充电管理模块:
1、内置基准源
2、最大充电电流可达 1A,Ich=Vprog/Rprog*1200
3、电池电压低于 2.8V 具有预充电功能(电流=Ich*10%)
4、支持对 0V 电池充电
5、三段式充电: 涓流、大电流、恒压充电,保证电池可以充满
6、充电电流随温度的升高而降低, 130℃的时候开始降低;
 充放电指示灯
1、充放电指示灯支持单灯或双灯模式;
2、单灯模式下:充电时 L2 以 1Hz 闪烁,充满后 L2 亮;升压时插上手机常亮,拔掉手机灭掉。
3、双灯模式下:充电时以 L1,L2 以 1Hz 交替闪烁,充满后 L1 灭,L2 亮;升压时插上手机 L2 常亮,
拔掉手机 L2 灭掉。
 升压模块:
1、输出电压固定 5.1V
2、输出过流后开始降电压,过流点随电压电池降低而降低,最大过流点为 1A(电池 4.2V 时);
3、输出电压大于 6V 后进行过压保护,当输出电压下降到 5.5V 后,自动恢复
4、开关频率 1MHz
5、高达 90%的转换效率
6、当输出没有负载时自动进入待机模式
 过温保护功能(150 ℃保护,130 ℃解除保护)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com