Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT4921 Datasheet(PDF) 2 Page - Hotchip Technology Co.,Ltd

Part # HT4921
Description  Li-ion Battery Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT4921 Datasheet(HTML) 2 Page - Hotchip Technology Co.,Ltd

  HT4921 Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT4921 Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT4921 Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT4921 Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT4921 Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT4921 Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT4921 Datasheet HTML 7Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HT4921
2
脚位图及说明:
1
2
3
4
5
6
7
8
BTP
VOUT
PROG
LX
VDD
L1
L2
GND
ESOP8
序号
名称
描述
1
GND
芯片地
2
L2
充放电指示灯
3
L1
充电指示灯
4
VDD
外部输入直流 5V
5
BTP
电池端
6
PROG
充电电流调整端
7
VOUT
输出电压引脚
8
LX
开关引脚



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com