Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT4921 Datasheet(PDF) 1 Page - Hotchip Technology Co.,Ltd

Part # HT4921
Description  Li-ion Battery Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT4921 Datasheet(HTML) 1 Page - Hotchip Technology Co.,Ltd

  HT4921 Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT4921 Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT4921 Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT4921 Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT4921 Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT4921 Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT4921 Datasheet HTML 7Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
概述:
HT4921 是一款集成度很高的单节移动电源管理芯片,它集成了充电管理模块、LED 指示模块、升压放电
管理模块,完全取代目前市场上的充电管理 IC+MCU+升压 IC 方案。
系统功能特点:
 高度集成,极少的外围元器件;
 线性充电模式,内置 1A MOSFET,支持对 0V 电池充电,涓流/恒流/恒压三段式充电。
 充电电流外部可调。
 内置充电电流会随温度升高而降低,130 度开始下降,最低可降至 0。
 放电时防倒灌保护。
 支持单灯模式和双灯模式;
 4KV ESD
 固定开关频率 1MHZ
 电池过充、过放保护
 负载插入自动升压,负载移除自动休眠
HT492 1
移动电源管理方案


Similar Part No. - HT4921

ManufacturerPart #DatasheetDescription
logo
Hotchip Technology Co.,...
HT4924U HOTCHIP-HT4924U Datasheet
1,017Kb / 6P
Highly integrated and minimal peripheral components
HT4927U HOTCHIP-HT4927U Datasheet
1Mb / 6P
Highly integrated, minimal peripheral components
HT4928S HOTCHIP-HT4928S Datasheet
1,016Kb / 6P
Highly integrated, minimal peripheral components
HT4929E HOTCHIP-HT4929E Datasheet
958Kb / 6P
ChargIng, electric discharge can be used in a port, intelligent recognition charging input load output
More results

Similar Description - HT4921

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX2203 MICROSEMI-LX2203 Datasheet
187Kb / 11P
Li-Ion Battery Charger
LX2203A MICROSEMI-LX2203A Datasheet
183Kb / 11P
Li-Ion Battery Charger
logo
Kingbor Technology Co
KB4054 KINGBOR-KB4054 Datasheet
142Kb / 15P
Li-Ion Battery Charger
KB4540 KINGBOR-KB4540 Datasheet
151Kb / 15P
Li-Ion Battery Charger
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
Li-ion Battery Charger
May 16, 2007
ISL9205 INTERSIL-ISL9205 Datasheet
514Kb / 14P
Li-ion Battery Charger
ISL9205IRZ INTERSIL-ISL9205IRZ Datasheet
515Kb / 14P
Li-ion Battery Charger
July 28, 2010
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205 Datasheet
828Kb / 17P
Li-ion Battery Charger
ISL9205 RENESAS-ISL9205_V01 Datasheet
788Kb / 17P
Li-ion Battery Charger
Dec 20, 2018
logo
Hotchip Technology Co.,...
HT4906 HOTCHIP-HT4906 Datasheet
579Kb / 11P
Li-ion Battery Charger
Ver1.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com