Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF02HSZ2 Datasheet(PDF) 1 Page - Analog Devices

Part # REF02HSZ2
Description  5 V Precision Voltage Reference/Temperature Transducer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF02HSZ2 Datasheet(HTML) 1 Page - Analog Devices

  REF02HSZ2 Datasheet HTML 1Page - Analog Devices REF02HSZ2 Datasheet HTML 2Page - Analog Devices REF02HSZ2 Datasheet HTML 3Page - Analog Devices REF02HSZ2 Datasheet HTML 4Page - Analog Devices REF02HSZ2 Datasheet HTML 5Page - Analog Devices REF02HSZ2 Datasheet HTML 6Page - Analog Devices REF02HSZ2 Datasheet HTML 7Page - Analog Devices REF02HSZ2 Datasheet HTML 8Page - Analog Devices REF02HSZ2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
5 V Precision Voltage
Reference/Temperature Transducer
REF02
Rev. I
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
5 V output: ±0.3% maximum
Temperature voltage output: 1.96 mV/°C
Adjustment range: ±3% minimum
Excellent temperature stability: 8.5 ppm/°C maximum
Low noise: 15 µV p-p maximum
Low supply current: 1.4 mA maximum
Wide input voltage range: 7 V to 40 V
High load-driving capability: 10 mA
No external components
Short-circuit proof
GENERAL DESCRIPTION
The REF02 precision voltage reference provides a stable 5 V
output that can be adjusted over a ±6% range with minimal
effect on temperature stability. Single-supply operation over an
input voltage range of 7 V to 40 V, low current drain of 1 mA,
and excellent temperature stability are achieved with an
improved band gap design. Low cost, low noise, and low power
make the REF02 an excellent choice whenever a stable voltage
reference is required. Applications include DACs and ADCs,
portable instrumentation, and digital voltmeters. The versatility
of the REF02 is enhanced by its use as a monolithic temperature
transducer. For new designs, refer to the ADR02.
PIN CONFIGURATIONS
1
2
3
4
5
6
7
8
NC
GROUND
(CASE)
NC
VIN
VOUT
NC
NC
TRIM
NC = NO CONNECT. DO NOT CONNECT ANYTHING
ON THESE PINS. SOME OF THEM ARE RESERVED
FOR FACTORY TESTING PURPOSES.
Figure 1. 8-Lead TO-99 (J-Suffix)
REF02
TOP VIEW
(Not to Scale)
NC 1
VIN 2
TEMP 3
GND 4
NC
NC
VOUT
TRIM
8
7
6
5
NC = NO CONNECT. DO NOT CONNECT ANYTHING
ON THESE PINS. SOME OF THEM ARE RESERVED
FOR FACTORY TESTING PURPOSES.
Figure 2. 8-Lead PDIP (P-Suffix), 8-Lead CERDIP (Z-Suffix)
and 8-Lead SOIC (S-Suffix)
4
NC
5
VIN
6
NC
7
TEMP
8
NC
18
NC
17
NC
16
NC
15
VOUT
14
NC
19
20
1
2
3
13
12
11
10
9
REF02
TOP VIEW
(Not to Scale)
NC = NO CONNECT. DO NOT CONNECT ANYTHING
ON THESE PINS. SOME OF THEM ARE RESERVED
FOR FACTORY TESTING PURPOSES.
Figure 3. 20-Terminal LCC (RC-Suffix)
REF02 OPTION
R9
R11
R12
P, S, J, Z PACKAGES 18k
Ω
4.5k
Ω
15k
Ω
OUTPUT RESISTORS
C1
R3
R6
R4
R5
R1
Q1
R2
R10
OUTPUT
GROUND
R12*
TRIM
Q19
R15
INPUT
Q15
Q18
Q16
Q13
Q21
Q17
R13
Q20
Q4
Q3
Q5
Q6
Q9
Q7
Q14
Q12
Q11
Q8
R8
R7
R14
Q10
Q2
R11*
R9*
4
5
6
≈1.23V
2
TEMP
3
*SEE OUTPUT RESISTORS
883C PRODUCT
18k
Ω
2k
Ω
6.1k
Ω
Figure 4. Simplified Schematic


Similar Part No. - REF02HSZ2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
REF02HSZ AD-REF02HSZ Datasheet
454Kb / 16P
5 V Precision Voltage Reference/Temperature Transducer
7/04-Data Sheet Changed from Rev. E to Rev. F
REF02HSZ AD-REF02HSZ Datasheet
507Kb / 20P
Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
REF02HSZ AD-REF02HSZ Datasheet
507Kb / 20P
Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
More results

Similar Description - REF02HSZ2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD586 AD-AD586 Datasheet
203Kb / 8P
High Precision 5 V Reference
REF-02 AD-REF-02 Datasheet
337Kb / 8P
5V Precision Voltage Reference/Temperature Trangsducer
REF01 AD-REF01 Datasheet
384Kb / 12P
10 V Precision Voltage Reference
10/02-Data Sheet changed from REV. B to REV. C.
REF02 AD-REF02 Datasheet
454Kb / 16P
5 V Precision Voltage Reference/Temperature Transducer
7/04-Data Sheet Changed from Rev. E to Rev. F
logo
Maxim Integrated Produc...
MAX6143 MAXIM-MAX6143 Datasheet
953Kb / 16P
High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
logo
Analog Devices
REF01 AD-REF01_05 Datasheet
339Kb / 12P
10 V Precision Voltage Reference
Rev. H
logo
Maxim Integrated Produc...
MAX6143AASA25 MAXIM-MAX6143AASA25 Datasheet
962Kb / 16P
High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
logo
Analog Devices
AD586 AD-AD586_05 Datasheet
479Kb / 16P
High Precision 5 V Reference
Rev. G
5962-8982401PA AD-5962-8982401PA Datasheet
479Kb / 16P
High Precision 5 V Reference
Rev. G
AD586 AD-AD586_15 Datasheet
479Kb / 16P
High Precision 5 V Reference
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com