Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF02HSZ2 Datasheet(PDF) 15 Page - Analog Devices

Part # REF02HSZ2
Description  5 V Precision Voltage Reference/Temperature Transducer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF02HSZ2 Datasheet(HTML) 15 Page - Analog Devices

Back Button REF02HSZ2 Datasheet HTML 8Page - Analog Devices REF02HSZ2 Datasheet HTML 9Page - Analog Devices REF02HSZ2 Datasheet HTML 10Page - Analog Devices REF02HSZ2 Datasheet HTML 11Page - Analog Devices REF02HSZ2 Datasheet HTML 12Page - Analog Devices REF02HSZ2 Datasheet HTML 13Page - Analog Devices REF02HSZ2 Datasheet HTML 14Page - Analog Devices REF02HSZ2 Datasheet HTML 15Page - Analog Devices REF02HSZ2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
REF02
Rev. I | Page 15 of 16
ORDERING GUIDE
Model
TA = 25°C
∆
VOS Max (mV)
Temperature Range
Package Description
Package Option
REF02AJ/883C1
±15
−55°C to +125°C
8-Lead TO-99
J-Suffix (H-08)
REF02AZ
±15
−55°C to +125°C
8-Lead CERDIP
Z-Suffix (Q-8)
REF02AZ/883C1
±15
−55°C to +125°C
8-Lead CERDIP
Z-Suffix (Q-8)
REF02CJ
±50
0°C to 70°C
8-Lead TO-99
J-Suffix (H-08)
REF02CP
±50
−40°C to +85°C
8-Lead PDIP
P-Suffix (N-8)
REF02CPZ2
±50
−40°C to +85°C
8-Lead PDIP
P-Suffix (N-8)
REF02CS
±50
−40°C to +85°C
8-Lead SOIC
S-Suffix (R-8)
REF02CS-REEL
±50
−40°C to +85°C
8-Lead SOIC
S-Suffix (R-8)
REF02CS-REEL7
±50
−40°C to +85°C
8-Lead SOIC
S-Suffix (R-8)
REF02CSZ2
±50
−40°C to +85°C
8-Lead SOIC
S-Suffix (R-8)
REF02CSZ-REEL2
±50
−40°C to +85°C
8-Lead SOIC
S-Suffix (R-8)
REF02CSZ-REEL72
±50
−40°C to +85°C
8-Lead SOIC
S-Suffix (R-8)
REF02CZ
±50
0°C to 70°C
8-Lead CERDIP
Z-Suffix (Q-8)
REF02DP
±100
0°C to 70°C
8-Lead PDIP
P-Suffix (N-8)
REF02DPZ2
±100
0°C to 70°C
8-Lead PDIP
P-Suffix (N-8)
REF02EJ
±15
−40°C to +85°C
8-Lead TO-99
J-Suffix (H-08)
REF02EZ
±15
−40°C to +85°C
8-Lead CERDIP
Z-Suffix (Q-8)
REF02J
±25
−55°C to +125°C
8-Lead TO-99
J-Suffix (H-08)
REF02HJ
±25
−40°C to +85°C
8-Lead TO-99
J-Suffix (H-08)
REF02HZ
±25
−40°C to +85°C
8-Lead CERDIP
Z-Suffix (Q-8)
REF02HP
±25
−40°C to +85°C
8-Lead PDIP
P-Suffix (N-8)
REF02HPZ2
±25
−40°C to +85°C
8-Lead PDIP
P-Suffix (N-8)
REF02HS
±25
−40°C to +85°C
8-Lead SOIC
S-Suffix (R-8)
REF02HSZ2
±25
−40°C to +85°C
8-Lead SOIC
S-Suffix (R-8)
REF02RC/8831
±25
−55°C to +125°C
20-Lead LCC
RC-Suffix (E-20A)
REF02Z
±25
−55°C to +125°C
8-Lead CERDIP
Z-Suffix (Q-8)
1 Consult sales for 883 data sheet.
2 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com