Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF02HSZ2 Datasheet(PDF) 11 Page - Analog Devices

Part # REF02HSZ2
Description  5 V Precision Voltage Reference/Temperature Transducer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF02HSZ2 Datasheet(HTML) 11 Page - Analog Devices

Back Button REF02HSZ2 Datasheet HTML 7Page - Analog Devices REF02HSZ2 Datasheet HTML 8Page - Analog Devices REF02HSZ2 Datasheet HTML 9Page - Analog Devices REF02HSZ2 Datasheet HTML 10Page - Analog Devices REF02HSZ2 Datasheet HTML 11Page - Analog Devices REF02HSZ2 Datasheet HTML 12Page - Analog Devices REF02HSZ2 Datasheet HTML 13Page - Analog Devices REF02HSZ2 Datasheet HTML 14Page - Analog Devices REF02HSZ2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REF02
Rev. I | Page 11 of 16
TEMPERATURE MONITORING
The REF02 provides a TEMP output (Pin 3) that varies linearly
with temperature. This output can be used to monitor the
temperature change in the system. The voltage at VTEMP is
approximately 550 mV at 25°C, and the temperature coefficient
is approximately 1.96 mV/°C (see Figure 18).
850
800
750
700
650
600
550
500
450
400
–50
–25
0
25
50
75
100
125
TEMPERATURE (
°C)
∆V
TEMP/∆T = 1.96mV/°C
VIN = 9V
SAMPLE SIZE = 6
J, S, AND P PACKAGES
Z PACKAGE AND 833 PRODUCT
∆V
TEMP/∆T = 2.1mV/°C
Figure 18. Voltage at TEMP Pin vs. Temperature
A voltage change of 39.2 mV at the TEMP pin corresponds to a
20°C change in temperature.
The TEMP function is provided as a convenience rather than a
precise feature. Since the voltage at the TEMP node is acquired
from the band gap core, current pulling from this pin has a
significant effect on VOUT. Care must be taken to buffer the
TEMP output with a suitable low bias current op amp, such as
the AD8601, AD820, or OP1177. Using any of these three op
amps results in less than a 100 µV change in ΔVOUT (see
Figure 19). Without buffering, even tens of microamps drawn
from the TEMP pin can cause VOUT to fall out of specification.
TEMP
TRIM
GND
U1
OP1177
V+
V–
15V
U2
VO
VOUT
VIN
VTEMP
1.9mV/
°C
VIN
REF02
Figure 19. Temperature Monitoring
GND
REF02
4
6
2
TEMP
3
CMP02
2
3
8
4
R6
1
7
R7
27k
Ω
R1
(9.2k
Ω)
R3
(1.3k
Ω)
R2
1.5k
Ω
R4
2.7k
Ω
R5
2.2k
Ω
V+
V–
–
+
HEATING
ELEMENT
V+ (12V TO 32V)
VIN
VO
(SEE NOTE 1)
NOTES
1. REF02 SHOULD BE THERMALLY CONNECTED
TO SUBSTANCE BEING HEATED.
2. NUMBERS IN PARENTHESES ARE FOR A
SETPOINT TEMPERATURE OF 60
°C.
3. R3 = R1
|| R2 || R6
Figure 20. Temperature Controller
REFERENCE STACK WITH EXCELLENT LINE
REGULATION
Two REF01s and one REF02 can be stacked to yield 5.00 V,
15.00 V, and 25.00 V outputs. An additional advantage is near-
perfect line regulation of the 5.0 V and 15.0 V output. A 27 V to
55 V input change produces an output change that is less than
the noise voltage of the devices. A load bypass resistor (RB)
provides a path for the supply current (ISY) of the 15.00 V
regulator.
In general, any number of REF01s and REF02s can be stacked
this way. For example, 10 devices yield 10 outputs in 5 V or 10 V
steps. The line voltage can change from 100 V to 130 V. Care
must be taken, however, to ensure that the total load currents
do not exceed the maximum usable current (typically 21 mA).
GND
REF02
GND
REF02
GND
REF02
TRIM
TRIM
10k
Ω
10k
Ω
RB
6.8k
Ω
10k
Ω
2
6
5
4
2
6
5
4
2
6
5
4
15V
10V
5V
TRIM
27V TO 55V
VIN
VO
VIN
VO
VIN
VO
Figure 21. Reference Stack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com