Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD45335 Datasheet(PDF) 8 Page - Analog Devices

Part # AD45335
Description  32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD45335 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD45335 Datasheet HTML 4Page - Analog Devices AD45335 Datasheet HTML 5Page - Analog Devices AD45335 Datasheet HTML 6Page - Analog Devices AD45335 Datasheet HTML 7Page - Analog Devices AD45335 Datasheet HTML 8Page - Analog Devices AD45335 Datasheet HTML 9Page - Analog Devices AD45335 Datasheet HTML 10Page - Analog Devices AD45335 Datasheet HTML 11Page - Analog Devices AD45335 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Data Sheet
AD45335
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 8 of 16
Table 6. Pin Function Descriptions (Continued)
Pin No.
Mnemonic
Description
K1, K2
V+
V+ Amplifier Supply Pins.
K3 to K14
AGND
Analog GND Pins.
L1, L2
NC
No Connect. Do not connect to these pins.
L3 to L13
AGND
Analog GND Pins.
L14
DAC_GND
Reference GND Supply for All DACs.
M1 to M12
AGND
Analog GND Pins.
M13, M14
AVCC
Analog Supply Pins.
N1, N2
PGND
Output Amplifier Ground Reference Pins.
N3
CATHODE
Cathode of Internal Diode for Diode Temperature Measurement.
N4
ANODE
Anode of Internal Diode for Diode Temperature Measurement.
N5 to N14
AGND
Analog GND Pins.
P1
NC
No Connect. Do not connect to these pins.
P2
REF_IN
Reference Voltage for Channel 0 to Channel 31.
P3
DAC_GND
Reference GND Supply for All DACs.
P4
RESET
Active Low Input. This pin can also be used to reset the complete device to its power-on reset conditions.
Zero code is loaded to the DACs.
P5
DVCC
Digital Supply Pins.
P6
DGND
Digital GND Pins.
P7
TEST
For normal operation, tie this pin low.
P8
DIN
Serial Data Input. Data must be valid upon the falling edge of SCLK.
P9
SCLK
Serial Clock Input. Data is clocked into the shift register upon the falling edge of SCLK. The pin operates
at clock speeds of up to 30 MHz. Internal pull-up device on logic input. Therefore, it can be left floating
and defaults to a logic high condition.
P10
SYNC
Active Low Input. This is the frame synchronization signal for the serial interface. While SYNC is low, data
is transferred in upon the falling edge of SCLK.
P11 to P13
AGND
Analog GND Pins.
P14
NC
No Connect. Do not connect to these pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com