Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD45335 Datasheet(PDF) 1 Page - Analog Devices

Part # AD45335
Description  32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD45335 Datasheet(HTML) 1 Page - Analog Devices

  AD45335 Datasheet HTML 1Page - Analog Devices AD45335 Datasheet HTML 2Page - Analog Devices AD45335 Datasheet HTML 3Page - Analog Devices AD45335 Datasheet HTML 4Page - Analog Devices AD45335 Datasheet HTML 5Page - Analog Devices AD45335 Datasheet HTML 6Page - Analog Devices AD45335 Datasheet HTML 7Page - Analog Devices AD45335 Datasheet HTML 8Page - Analog Devices AD45335 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Data Sheet
AD45335
32-Channel, 14-Bit DAC with Full-Scale Output
Voltage Programmable from 50 V to 200 V
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
High integration
►
32-channel, 14-bit denseDAC® with integrated high voltage out-
put amplifier
►
Guaranteed monotonic
►
Housed in a 15 mm × 15 mm CSP_BGA package
►
Full-scale output voltage programmable from 50 V to 200 V
through reference input
►
150/40 µA source/sink drive capability
►
Integrated silicon diode for temperature monitoring
►
SPI
►
1.2 MHz channel update rate
►
Asynchronous RESET facility
►
–10°C to +85°C temperature range
APPLICATIONS
►
Optical microelectromechanical systems (MEMS)
►
Optical crosspoint switches
►
Micropositioning applications using piezoelectric actuators
►
Level setting in automotive test and measurement
GENERAL DESCRIPTION
The AD45335 is a 32-channel, 14-bit denseDAC® with an on-chip
high voltage output amplifier. The AD45335 is targeted for optical
micro-electromechanical systems. The output voltage range is pro-
grammable through the REF_IN pin. The output range is 0 V to
50 V when REF_IN = 1 V, and 0 V to 200 V when REF_IN = 4 V.
REF_IN is buffered internally on the AD45335 and must be driven
from a stable reference source.
The selected digital-to-analog converter (DAC) register is written
to using the 3-wire interface. The serial peripheral interface (SPI)
operates at clock rates of up to 30 MHz.
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram


Similar Part No. - AD45335

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD45335 AD-AD45335 Datasheet
961Kb / 17P
32-Channel, 14-Bit DAC with Full-Scale Output
Rev. PrA
More results

Similar Description - AD45335

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5532 AD-AD5532 Datasheet
244Kb / 16P
32-Channel, 14-Bit Voltage-Output DAC
AD5382 AD-AD5382 Datasheet
616Kb / 40P
32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
5/04-Revision 0
AD5383 AD-AD5383 Datasheet
1Mb / 40P
32-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
5/04-Revision 0
AD5535 AD-AD5535 Datasheet
396Kb / 16P
32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
Oct-2004
AD5384 AD-AD5384 Datasheet
1Mb / 36P
40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
10/04-Changed from Rev. 0 to Rev. A
AD5535B AD-AD5535B Datasheet
322Kb / 16P
32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
REV. A
AD5372 AD-AD5372_15 Datasheet
722Kb / 29P
32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5373 AD-AD5373_15 Datasheet
722Kb / 29P
32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5532 AD-AD5532_15 Datasheet
394Kb / 20P
32-Channel, 14-Bit Voltage-Output DAC
REV. D
AD45335 AD-AD45335 Datasheet
961Kb / 17P
32-Channel, 14-Bit DAC with Full-Scale Output
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com