Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD45335 Datasheet(PDF) 12 Page - Analog Devices

Part # AD45335
Description  32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD45335 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD45335 Datasheet HTML 8Page - Analog Devices AD45335 Datasheet HTML 9Page - Analog Devices AD45335 Datasheet HTML 10Page - Analog Devices AD45335 Datasheet HTML 11Page - Analog Devices AD45335 Datasheet HTML 12Page - Analog Devices AD45335 Datasheet HTML 13Page - Analog Devices AD45335 Datasheet HTML 14Page - Analog Devices AD45335 Datasheet HTML 15Page - Analog Devices AD45335 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Data Sheet
AD45335
THEORY OF OPERATION
analog.com
Rev. 0 | 12 of 16
The AD45335 consists of a 32-channel, 14-bit DAC with 200 V
high voltage amplifiers in a single 15 mm × 15 mm chip scale
package ball grid array (CSP_BGA). The output voltage range is
programmable through the REF_IN pin. The output range is 0 V to
50 V when REF_IN = 1 V, and 0 V to 200 V when REF_IN = 4 V.
Communication to the device is through a serial interface operating
at clock rates of up to 30 MHz, which is compatible with digital
signal processing (DSP) and microcontroller interface standards. A
5-bit address and a 14-bit data-word are loaded into the AD45335
input register through the serial interface. The channel address is
decoded, and the data-word is converted into an analog output
voltage for this channel.
At power-on, all the DAC registers are loaded with 0s.
DAC SECTION
The architecture of each DAC channel consists of a resistor
string DAC, followed by an output buffer amplifier operating with
a nominal gain of 50. The voltage at the REF_IN pin provides the
reference voltage for the corresponding DAC. The input coding to
the DAC is straight binary, and the ideal DAC output voltage is
given by
VOUT=50×VREF_IN×D
214
where D is the decimal equivalent (0 to 16,383) of the binary code,
which is loaded to the DAC register.
The output buffer amplifier is specified to drive a load of 4 MΩ and
200 pF. The linear output voltage range for the output amplifier is
from 7 V to VPP – 1.5 V. The amplifier output bandwidth is typically
30 kHz, and is capable of sourcing 150 µA and sinking 40 µA.
RESET FUNCTION
The reset function on the AD45335 can be used to reset all nodes
on the device to their power-on reset condition. All the DACs are
loaded with 0s, and all registers are cleared. Take the RESET pin
low to implement the reset function.
SERIAL INTERFACE
The serial interface is controlled by the following pins:
►
SYNC, which is the frame synchronization pin for the serial
interface.
►
SCLK, which is the serial clock input that operates at clock
speeds of up to 30 MHz.
►
DIN, which is the serial data input, and data must be valid upon
the falling edge of SCLK.
To update a single DAC channel, a 19-bit data-word is written to the
AD45335 input register, as shown in Figure 16.
A4 to A0 Bits
The A4 to A0 bits can address any one of the 32 channels. A4 is
the MSB of the address, while A0 is the LSB.
DB13 to DB0 Bits
The DB13 to DB0 bits are used to write a 14-bit data-word into the
addressed DAC register.
Figure 2 is the timing diagram for a serial write to the AD45335. The
serial interface works with both a continuous and a discontinuous
serial clock. The first falling edge of SYNC resets the serial clock
counter to ensure that the correct number of bits are shifted into the
serial shift register. Any further edges on SYNC are ignored until
the correct number of bits are shifted in. After 19 bits are shifted in,
the SCLK is ignored. For another serial transfer to take place, the
counter must be reset by the falling edge of SYNC. The user must
allow 200 ns (minimum) between successive writes.
Figure 16. Serial Data Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com