Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5048BCCZN-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF5048BCCZN-R7
Description  Silicon SP4T Switch, Nonreflective, 100 MHz to 45 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5048BCCZN-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADRF5048BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5048BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5048BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5048BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5048BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5048BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5048BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5048BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5048BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Data Sheet
ADRF5048
SPECIFICATIONS
analog.com
Rev. A | 3 of 13
VDD = 3.3 V, VSS = −3.3 V, V1 = 0 V or 3.3 V, V2 = 0 V or 3.3 V, TA = 25°C, and it is a 50 Ω system, unless otherwise noted. VCTRL is the
voltages of the digital control inputs, V1 and V2.
Table 1. Specifications
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
0.1
45
GHz
INSERTION LOSS
Between RFC and RF1 to RF4 (On)
100 MHz to 18 GHz
1.4
dB
18 GHz to 26 GHz
1.7
dB
26 GHz to 35 GHz
2.1
dB
35 GHz to 40 GHz
2.4
dB
40 GHz to 45 GHz
4.0
dB
ISOLATION
Between RFC and RF1 to RF4 (Off)
100 MHz to 18 GHz
41
dB
18 GHz to 26 GHz
40
dB
26 GHz to 35 GHz
36
dB
35 GHz to 40 GHz
35
dB
40 GHz to 45 GHz
35
dB
RETURN LOSS
RFC and RF1 to RF4 (On)
100 MHz to 18 GHz
22
dB
18 GHz to 26 GHz
17
dB
26 GHz to 35 GHz
16
dB
35 GHz to 40 GHz
22
dB
40 GHz to 45 GHz
9
dB
RF1 to RF4 (Off)
100 MHz to 18 GHz
22
dB
18 GHz to 26 GHz
19
dB
26 GHz to 35 GHz
16
dB
35 GHz to 40 GHz
16
dB
40 GHz to 45 GHz
16
dB
SWITCHING
Rise Time and Fall Time (tRISE, tFALL)
90% to 10% of RF output (RFOUT)
4
ns
On Time and Off Time (tON, tOFF)
50% VCTL to 10% to 90% of RFOUT
20
ns
Settling Time
0.1dB
50% VCTL to 0.1 dB of final RFOUT
60
ns
INPUT LINEARITY
0.1 dB Power Compression (P0.1dB)
f = 0.3 GHz to 40 GHz
>30
dBm
Third-Order Intercept (IP3)
Two-tone input power = 14 dBm continuous wave per tone, f = 1 GHz
to 40 GHz, Δf = 1MHz
52
dBm
SUPPLY CURRENT
VDD and VSS pins
Positive Supply Current (IDD)
150
μA
Negative Supply Current (ISS)
520
μA
DIGITAL CONTROL INPUTS
Voltage
Low (VINL)
0
0.8
V
High (VINH)
1.2
3.45
V
Current
Low (IINL)
<1
μA
High (IINH)
V1 and V2
<1
μA
EN and LS
33
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com