Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5048BCCZN-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADRF5048BCCZN-R7
Description  Silicon SP4T Switch, Nonreflective, 100 MHz to 45 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5048BCCZN-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADRF5048BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5048BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5048BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5048BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5048BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5048BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5048BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5048BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5048BCCZN-R7 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Data Sheet
ADRF5048
APPLICATIONS INFORMATION
analog.com
Rev. A | 12 of 13
The ADRF5048 has two power supply pins (VDD and VSS) and
four control pins (V1, V2, LS, and EN). Figure 24 shows the
external components and connections for the supply and control
pins. The VDD pin and the VSS pin are decoupled with a 100
pF multilayer ceramic capacitor. The ADRF5048 pinout allows the
placement of the decoupling capacitors close to the device. No
other external components are needed for bias and operation,
except DC blocking capacitors on the RFx pins when the RF lines
are biased at a voltage different than 0 V. Refer to Pin Configuration
and Function Descriptions section for further details.
Figure 24. Recommended Schematic
RECOMMENDATIONS FOR PCB DESIGN
The RF ports are matched to 50 Ω internally, and the pinout is
designed to mate a coplanar waveguide (CPWG) with 50 Ω charac-
teristic impedance on the PCB. Figure 25 shows the referenced
CPWG RF trace design for an RF substrate with 8 mil thick Rogers
RO4003 dielectric material. The RF trace with a 14 mil width and
a 7 mil clearance is recommended for 2.2 mil finished copper
thickness.
Figure 25. Example PCB Stackup
Figure 26 shows the routing of the RF traces, supply, and control
signals from the ADRF5048. The ground planes are connected with
as many filled through vias as allowed for optimal RF and thermal
performance. The primary thermal path for the ADRF5048 is the
bottom side.
Figure 26. PCB Routings
Figure 27 shows the recommended layout from the device RFx
pins to the 50 Ω CPWG on the referenced stackup. PCB pads are
drawn 1:1 to the device pads. The ground pads are drawn solder
mask defined, and the signal pads are drawn as pad defined. The
RF trace from the PCB pad is extended with the same width until
the package edge and tapered to the RF trace with a 45° angle.
The paste mask is also designed to match the pad without any
aperture reduction. The paste is divided into multiple openings for
the paddle.
Figure 27. Recommended RFx Pin Transitions
For alternate PCB stackups with different dielectric thickness and
CPWG design, contact Analog Devices, Inc., Technical Support
Request for further recommendations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com