Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5048BCCZN-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADRF5048BCCZN-R7
Description  Silicon SP4T Switch, Nonreflective, 100 MHz to 45 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5048BCCZN-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADRF5048BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5048BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5048BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5048BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5048BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5048BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5048BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5048BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5048BCCZN-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Data Sheet
ADRF5048
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. A | 6 of 13
Figure 4. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
EN
Enable Input. See Table 6 for the truth table and Figure 7 for the control interface schematic.
2
V1
Control Input 1. See Table 6 for the truth table and Figure 6 for the control interface schematic.
3, 5, 9, 11 to 13, 15 to 17, 19
to 21, 23
GND
Ground.
4
RFC
RF Common Port. The RFC pin is DC-coupled to 0 V and AC matched to 50 Ω. No DC blocking capacitor is required when
the RF line potential is equal to 0 V DC. See Table 6 for the truth table and Figure 5 for the interface schematic.
6
VSS
Negative Supply Voltage.
7
LS
Logic Select. See Table 6 for the truth table and Figure 7 for the control interface schematic.
8
VDD
Positive Supply Voltage.
10
RF4
RF Throw Port 4. The RF4 pin is DC-coupled to 0 V and AC matched to 50 Ω. No DC blocking capacitor is required when
the RF line potential is equal to 0 V DC. See Table 6 for the truth table and Figure 5 for the interface schematic.
14
RF3
RF Throw Port 3. The RF3 pin is DC-coupled to 0 V and AC matched to 50 Ω. No DC blocking capacitor is required when
the RF line potential is equal to 0 V DC. See Table 6 for the truth table and Figure 5 for the interface schematic.
18
RF2
RF Throw Port 2. The RF2 pin is DC-coupled to 0 V and AC matched to 50 Ω. No DC blocking capacitor is required when
the RF line potential is equal to 0 V DC. See Table 6 for the truth table and Figure 5 for the interface schematic.
22
RF1
RF Throw Port 1. The RF1 pin is DC-coupled to 0 V and AC matched to 50 Ω. No DC blocking capacitor is required when
the RF line potential is equal to 0 V DC. See Table 6 for the truth table and Figure 5 for the interface schematic.
24
V2
Control Input 2. See Table 6 for the truth table and Figure 6 for the control interface schematic.
EPAD
Exposed Pad. The exposed pad must be connected to the RF and DC ground of the PCB.
INTERFACE SCHEMATICS
Figure 5. RFx Interface Schematic
Figure 6. V1 and V2 Control Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com