Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS82C54 Datasheet(PDF) 4 Page - Intersil Corporation

Part # CS82C54
Description  CMOS Programmable Intervel Timer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C54 Datasheet(HTML) 4 Page - Intersil Corporation

  CS82C54 Datasheet HTML 1Page - Intersil Corporation CS82C54 Datasheet HTML 2Page - Intersil Corporation CS82C54 Datasheet HTML 3Page - Intersil Corporation CS82C54 Datasheet HTML 4Page - Intersil Corporation CS82C54 Datasheet HTML 5Page - Intersil Corporation CS82C54 Datasheet HTML 6Page - Intersil Corporation CS82C54 Datasheet HTML 7Page - Intersil Corporation CS82C54 Datasheet HTML 8Page - Intersil Corporation CS82C54 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
82C54
AC Electrical SpecificationsVCC = +5.0V ± 10%, Includes all Temperature Ranges
SYMBOL
PARAMETER
82C54
82C54-10
82C54-12
UNITS
TEST
CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
READ CYCLE
(1)
TAR
Address Stable Before RD
30
-
25
-
25
-
ns
1
(2)
TSR
CS Stable Before RD
0-0-0-
ns
1
(3)
TRA
Address Hold Time After RD
0-0-0-
ns
1
(4)
TRR
RD Pulse Width
150
-
95
-
95
-
ns
1
(5)
TRD
Data Delay from RD
-
120
-
85
-
85
ns
1
(6)
TAD
Data Delay from Address
-
210
-
185
-
185
ns
1
(7)
TDF
RD to Data Floating
5
85
5
65
5
65
ns
2, Note 1
(8)
TRV
Command Recovery Time
200
-
165
-
165
-
ns
WRITE CYCLE
(9)
TAW
Address Stable Before WR
0-0-0-
ns
(10)
TSW
CS Stable Before WR
0-0-0-
ns
(11)
TWA
Address Hold Time After WR
0-0-0-
ns
(12)
TWW
WR Pulse Width
95
-
95
-
95
-
ns
(13)
TDW
Data Setup Time Before WR
140
-
95
-
95
-
ns
(14)
TWD
Data Hold Time After WR
25
-0-0-
ns
(15)
TRV
Command Recovery Time
200
-
165
-
165
-
ns
CLOCK AND GATE
(16)
TCLK
Clock Period
125
DC
100
DC
80
DC
ns
1
(17)
TPWH
High Pulse Width
60
-
30
-
30
-
ns
1
(18)
TPWL
Low Pulse Width
60
-
40
-
30
-
ns
1
(19)
TR
Clock Rise Time
-
25
-
25
-
25
ns
(20)
TF
Clock Fall Time
-
25
-
25
-
25
ns
(21)
TGW
Gate Width High
50
-
50
-
50
-
ns
1
(22)
TGL
Gate Width Low
50
-
50
-
50
-
ns
1
(23)
TGS
Gate Setup Time to CLK
50
-
40
-
40
-
ns
1
(24)
TGH
Gate Hold Time After CLK
50
-
50
-
50
-
ns
1
(25)
TOD
Output Delay from CLK
-
150
-
100
-
100
ns
1
(26)
TODG
Output Delay from Gate
-
120
-
100
-
100
ns
1
(27)
TWO
OUT Delay from Mode Write
-
260
-
240
-
240
ns
1
(28)
TWC
CLK Delay for Loading
0
55
0
55
0
55
ns
1
(29)
TWG
Gate Delay for Sampling
-5
40
-5
40
-5
40
ns
1
(30)
TCL
CLK Setup for Count Latch
-40
40
-40
40
-40
40
ns
1
NOTE:
1. Not tested, but characterized at initial design and at major process/design changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com