Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS82C54 Datasheet(PDF) 15 Page - Intersil Corporation

Part # CS82C54
Description  CMOS Programmable Intervel Timer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C54 Datasheet(HTML) 15 Page - Intersil Corporation

Back Button CS82C54 Datasheet HTML 11Page - Intersil Corporation CS82C54 Datasheet HTML 12Page - Intersil Corporation CS82C54 Datasheet HTML 13Page - Intersil Corporation CS82C54 Datasheet HTML 14Page - Intersil Corporation CS82C54 Datasheet HTML 15Page - Intersil Corporation CS82C54 Datasheet HTML 16Page - Intersil Corporation CS82C54 Datasheet HTML 17Page - Intersil Corporation CS82C54 Datasheet HTML 18Page - Intersil Corporation CS82C54 Datasheet HTML 19Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
15
Counter will be loaded with new count on the next CLK pulse
and counting will continue from there.
Operation Common To All Modes
Programming
When a Control Word is written to a Counter, all Control
Logic, is immediately reset and OUT goes to a known initial
state; no CLK pulses are required for this.
Gate
The GATE input is always sampled on the rising edge of
CLK. In Modes 0, 2, 3 and 4 the GATE input is level
sensitive, and logic level is sampled on the rising edge of
CLK. In modes 1, 2, 3 and 5 the GATE input is rising-edge
sensitive. In these Modes, a rising edge of Gate (trigger)
sets an edge-sensitive flip-flop in the Counter. This flip-flop is
then sampled on the next rising edge of CLK. The flip-flop is
reset immediately after it is sampled. In this way, a trigger will
be detected no matter when it occurs - a high logic level
does not have to be maintained until the next rising edge of
CLK. Note that in Modes 2 and 3, the GATE input is both
edge-and level-sensitive.
Counter
New counts are loaded and Counters are decremented on
the falling edge of CLK.
The largest possible initial count is 0; this is equivalent to 216
for binary counting and 104 for BCD counting.
The counter does not stop when it reaches zero. In Modes 0,
1, 4, and 5 the Counter “wraps around” to the highest count,
either FFFF hex for binary counting or 9999 for BCD
counting, and continues counting. Modes 2 and 3 are
periodic; the Counter reloads itself with the initial count and
continues counting from there.
N
NNN
0
3
0
2
0
1
0
0
FF
FF
0
3
WR
CLK
GATE
OUT
CW = 1A LSB = 3
NN
N
N
0
3
0
2
0
3
0
2
0
1
N
NNN
0
3
0
2
0
1
0
0
FF
FF
FF
FE
WR
CLK
GATE
OUT
CW = 1A LSB = 3
WR
CLK
GATE
OUT
CW = 1A LSB = 3
N
NN
0
0
FF
FF
LSB = 5
N
0
5
0
4
FIGURE 14. MODE 5
SIGNAL
STATUS
MODES
LOW OR
GOING LOW
RISING
HIGH
0
Disables Counting
-
Enables Counting
1
-
1) Initiates
Counting
2) Resets output
after next clock
-
2
1) Disables
counting
2) Sets output
immediately high
Initiates Counting Enables Counting
3
1) Disables
counting
2) Sets output
immediately high
Initiates Counting Enables Counting
4
1) Disables
Counting
-
Enables Counting
5
-
Initiates Counting
-
FIGURE 15. GATE PIN OPERATIONS SUMMARY
MODE
MIN COUNT
MAX COUNT
010
110
220
320
410
510
NOTE:
0 is equivalent to 216 for binary counting and 104 for BCD
counting.
FIGURE 16. MINIMUM AND MAXIMUM INITIAL COUNTS
82C54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com