Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS82C54 Datasheet(PDF) 17 Page - Intersil Corporation

Part # CS82C54
Description  CMOS Programmable Intervel Timer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C54 Datasheet(HTML) 17 Page - Intersil Corporation

Back Button CS82C54 Datasheet HTML 13Page - Intersil Corporation CS82C54 Datasheet HTML 14Page - Intersil Corporation CS82C54 Datasheet HTML 15Page - Intersil Corporation CS82C54 Datasheet HTML 16Page - Intersil Corporation CS82C54 Datasheet HTML 17Page - Intersil Corporation CS82C54 Datasheet HTML 18Page - Intersil Corporation CS82C54 Datasheet HTML 19Page - Intersil Corporation CS82C54 Datasheet HTML 20Page - Intersil Corporation CS82C54 Datasheet HTML 21Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
17
Burn-In Circuits
MD82C54 (CERDIP)
MR82C54 (CLCC)
NOTES:
1. VCC = 5.5V ± 0.5V
2. GND = 0V
3. VIH = 4.5V
±10%
4. VIL = -0.2V to 0.4V
5. R1 = 47k
Ω ±5%
6. R2 = 1.0k
Ω ±5%
7. R3 = 2.7k
Ω ±5%
8. R4 = 1.8k
Ω ±5%
9. R5 = 1.2k
Ω ±5%
10. C1 = 0.01
µF Min
11. F0 = 100kHz
±10%
12. F1 = F0/2, F2 = F1/2, ...F12 = F11/2
FIGURE 20. CLOCK AND GATE
Timing Waveforms (Continued)
WR
CLK
GATE
OUT
MODE
COUNT
(SEE NOTE)
(17)
tPWH
(18)
tPWL
(16)
tCLK
tGS
(21)
tGW
(27)
tWO
tGS
(23)
tGH
(24)
tGL
tODG (26)
tF (20)
tOD (25)
tGH (24)
NOTE: LAST BYTE OF COUNT BEING WRITTEN
(19)
tR
(22)
(23)
tCL (30)
tWC (28)
R1
R1
R1
R1
R1
R1
R1
R1
R2
R1
R1
R1
R1
R1
R2
R1
R1
R2
R1
VCC
GND
Q5
Q4
A
F1
Q7
A
Q3
F2
Q8
Q2
VCC
GND
F9
F11
F0
A
Q6
GND
Q1
F10
F12
VCC
A
1
2
3
4
5
6
7
8
9
10
11
12
16
17
18
19
20
21
22
23
24
15
14
13
VCC
C1
R4
R3
23
24
25
22
21
20
19
11
3
2
1
4
14
15
16
17
18
12
13
28
27
26
10
5
6
7
8
9
VCC/2 Q6 GND
OPEN
VCC/2
F1
Q7
R1
R1
R1
R1
R2
R5
GND
Q5
Q4
Q8
OPEN
F2
VCC/2
R1
R1
R1
R1
R1
R2
F9
F10
F11
OPEN
GND
F12
F0
R5 R1
R5
R1 R2
R1
R1
R1
R1
R1
VCC Q2 Q1 OPEN
C1
Q3 VCC
VCC
82C54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com