Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM625SIP Datasheet(PDF) 16 Page - Texas Instruments

Part # AM625SIP
Description  AM625SIP – AM6254 Sitara™ Processor with Integrated LPDDR4 SDRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM625SIP Datasheet(HTML) 16 Page - Texas Instruments

Back Button AM625SIP Datasheet HTML 12Page - Texas Instruments AM625SIP Datasheet HTML 13Page - Texas Instruments AM625SIP Datasheet HTML 14Page - Texas Instruments AM625SIP Datasheet HTML 15Page - Texas Instruments AM625SIP Datasheet HTML 16Page - Texas Instruments AM625SIP Datasheet HTML 17Page - Texas Instruments AM625SIP Datasheet HTML 18Page - Texas Instruments AM625SIP Datasheet HTML 19Page - Texas Instruments AM625SIP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
6.5 Thermal Resistance Characteristics
This section provides the thermal resistance characteristics used on this device.
For reliability and operability concerns, the maximum junction temperature of the device has to be at or below
the TJ value identified in Section 6.3, Recommended Operating Conditions.
6.5.1 Thermal Resistance Characteristics for AMK Package
It is recommended to perform thermal simulations at the system level with the worst case device power consumption.
NO.
PARAMETER
DESCRIPTION
AMK
PACKAGE
°C/W(1) (2)
AIR
FLOW
(m/s)(3)
T1
RΘJC
Junction-to-case
5.1
N/A
T2
RΘJB
Junction-to-board
5.2
N/A
T3
RΘJA
Junction-to-free air
18.7
0
T4
Junction-to-moving air
12.6
1
T5
11.5
2
T6
11.0
3
T7
ΨJT
Junction-to-package top
0.3
0
T8
0.4
1
T9
0.5
2
T10
0.5
3
T11
ΨJB
Junction-to-board
5.1
0
T12
4.8
1
T13
4.7
2
T14
4.7
3
(1)
°C/W = degrees Celsius per watt.
(2)
These values are based on a JEDEC defined 2S2P system (with the exception of the Theta JC [RΘJC] value, which is based on
a JEDEC defined 1S0P system) and will change based on environment as well as application. For more information, see these
EIA/JEDEC standards:
•
JESD51-2, Integrated Circuits Thermal Test Method Environment Conditions - Natural Convection (Still Air)
•
JESD51-3, Low Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
•
JESD51-6, Integrated Circuit Thermal Test Method Environmental Conditions - Forced Convection (Moving Air)
•
JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
•
JESD51-9, Test Boards for Area Array Surface Mount Packages
(3)
m/s = meters per second.
AM625SIP
SPRSP98 – NOVEMBER 2023
www.ti.com
16
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM625SIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com