Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM625SIP Datasheet(PDF) 4 Page - Texas Instruments

Part # AM625SIP
Description  AM625SIP – AM6254 Sitara™ Processor with Integrated LPDDR4 SDRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM625SIP Datasheet(HTML) 4 Page - Texas Instruments

  AM625SIP Datasheet HTML 1Page - Texas Instruments AM625SIP Datasheet HTML 2Page - Texas Instruments AM625SIP Datasheet HTML 3Page - Texas Instruments AM625SIP Datasheet HTML 4Page - Texas Instruments AM625SIP Datasheet HTML 5Page - Texas Instruments AM625SIP Datasheet HTML 6Page - Texas Instruments AM625SIP Datasheet HTML 7Page - Texas Instruments AM625SIP Datasheet HTML 8Page - Texas Instruments AM625SIP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
3 Description
AM625SIP is a System In Package (SIP) derivative of the ALW packaged AM6254 device, with the addition of
an integrated LPDDR4 SDRAM. This document only defines differences or exceptions to the ALW packaged
AM6254 device defined in AM62x Sitara Processors Datasheet (revision B or later).
The AM625SIP (System in Package) Sitara™ MPU with integrated LPDDR4 is an application processor built
for Linux development. The system in package integrates 512MB of LPDDR4 with the AM6254 device which
has 4x Arm® Cortex®-A53 performance and embedded features, such as: dual-display support, 3D graphics
acceleration, along with an extensive set of peripherals that make the System in package well-suited for a broad
range of industrial applications while offering intelligent features and optimized power architecture. Additionally,
the AM625SIP offers a simplified hardware design, increased robustness, optimized size/system BOM, and
power consumption savings all enabling faster software and hardware development.
Some of these applications include:
• Industrial HMI
• Medical equipment, Patient monitoring, and Portable medical devices
• Smart home gateways & Appliances
• Embedded security: Control & Access panels
The 3-port Gigabit Ethernet switch has one internal port and two external ports with Time-Sensitive Networking
(TSN) support. An additional PRU module on the device enables real-time I/O capability for customer’s own
use cases. In addition, the extensive set of peripherals included in AM625SIP enables system-level connectivity,
such as: USB, MMC/SD, Camera interface, OSPI, CAN-FD and GPMC for parallel host interface to an external
ASIC/FPGA. The AM625SIP device also supports secure boot for IP protection with the built-in Hardware
Security Module (HSM) and employs advanced power management support for portable and power-sensitive
applications
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
AM625SIP
AMK (FCCSP BGA, 425)
13 mm × 13 mm
(1)
For more information, see Mechanical, Packaging, and Orderable Information.
(2)
The package size (length × width) is a nominal value and includes pins, where applicable.
AM625SIP
SPRSP98 – NOVEMBER 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM625SIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com