Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM625SIP Datasheet(PDF) 26 Page - Texas Instruments

Part # AM625SIP
Description  AM625SIP – AM6254 Sitara™ Processor with Integrated LPDDR4 SDRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM625SIP Datasheet(HTML) 26 Page - Texas Instruments

Back Button AM625SIP Datasheet HTML 21Page - Texas Instruments AM625SIP Datasheet HTML 22Page - Texas Instruments AM625SIP Datasheet HTML 23Page - Texas Instruments AM625SIP Datasheet HTML 24Page - Texas Instruments AM625SIP Datasheet HTML 25Page - Texas Instruments AM625SIP Datasheet HTML 26Page - Texas Instruments AM625SIP Datasheet HTML 27Page - Texas Instruments AM625SIP Datasheet HTML 28Page - Texas Instruments AM625SIP Datasheet HTML 29Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
www.ti.com
PACKAGE OUTLINE
13.1
12.9
13.1
12.9
1.154
1.014
0.262
0.162
425X
0.35
0.25
12 TYP
12 TYP
0.5 TYP
0.5 TYP
(0.5)
(0.5)
(0.7)
FCBGA - 1.154 mm max height
AMK0425A
PLASTIC BALL GRID ARRAY
4228989/A 08/2022
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA
AB
AC
AD
AE
BALL A1
CORNER
0.1 C
0.08 C
SEATING PLANE
0.2 C
0.15
C A B
0.08
C
SYMM
SYMM
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
SCALE 1.000
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com