Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HEF4528BF Datasheet(PDF) 4 Page - NXP Semiconductors

Part # HEF4528BF
Description  Dual monostable multivibrator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4528BF Datasheet(HTML) 4 Page - NXP Semiconductors

  HEF4528BF Datasheet HTML 1Page - NXP Semiconductors HEF4528BF Datasheet HTML 2Page - NXP Semiconductors HEF4528BF Datasheet HTML 3Page - NXP Semiconductors HEF4528BF Datasheet HTML 4Page - NXP Semiconductors HEF4528BF Datasheet HTML 5Page - NXP Semiconductors HEF4528BF Datasheet HTML 6Page - NXP Semiconductors HEF4528BF Datasheet HTML 7Page - NXP Semiconductors HEF4528BF Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
January 1995
4
Philips Semiconductors
Product specification
Dual monostable multivibrator
HEF4528B
MSI
FUNCTION TABLE
Notes
1. H = HIGH state (the more positive voltage)
2. L = LOW state (the less positive voltage)
3. X = state is immaterial
4.
= positive-going transition
5.
= negative-going transition
6.
= positive or negative output pulse; width is determined by Ct and Rt
AC CHARACTERISTICS
VSS =0V; Tamb =25 °C; CL = 50 pF; input transition times ≤ 20 ns
INPUTS
OUTPUTS
I0
I1
CD
O
O
LH
HH
XX
L
L
H
VDD
V
SYMBOL
MIN.
TYP.
MAX.
TYPICAL EXTRAPOLATION
FORMULA
Propagation delays
I0, I1 → O
5
140
280
ns
113 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
50
100
ns
39 ns
+ (0,23 ns/pF) CL
15
35
70
ns
27 ns
+ (0,16 ns/pF) CL
I0, I1 → O
5
155
305
ns
128 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
60
115
ns
49 ns
+ (0,23 ns/pF) CL
15
40
80
ns
32 ns
+ (0,16 ns/pF) CL
CD → O
5
105
210
ns
78 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
40
85
ns
29 ns
+ (0,23 ns/pF) CL
15
30
60
ns
22 ns
+ (0,16 ns/pF) CL
CD → O
5
120
240
ns
93 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
50
105
ns
39 ns
+ (0,23 ns/pF) CL
15
35
70
ns
27 ns
+ (0,16 ns/pF) CL
Output transition
5
60
120
ns
10 ns
+
(1,0 ns/pF) CL
times
10
tTHL
30
60
ns
9 ns
+ (0,42 ns/pF) CL
HIGH to LOW
15
20
40
ns
6 ns
+ (0,28 ns/pF) CL
5
60
120
ns
10 ns
+
(1,0 ns/pF) CL
LOW to HIGH
10
tTLH
30
60
ns
9 ns
+ (0,42 ns/pF) CL
15
20
40
ns
6 ns
+ (0,28 ns/pF) CL



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com