Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HEF4528BF Datasheet(PDF) 6 Page - NXP Semiconductors

Part # HEF4528BF
Description  Dual monostable multivibrator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4528BF Datasheet(HTML) 6 Page - NXP Semiconductors

  HEF4528BF Datasheet HTML 1Page - NXP Semiconductors HEF4528BF Datasheet HTML 2Page - NXP Semiconductors HEF4528BF Datasheet HTML 3Page - NXP Semiconductors HEF4528BF Datasheet HTML 4Page - NXP Semiconductors HEF4528BF Datasheet HTML 5Page - NXP Semiconductors HEF4528BF Datasheet HTML 6Page - NXP Semiconductors HEF4528BF Datasheet HTML 7Page - NXP Semiconductors HEF4528BF Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
January 1995
6
Philips Semiconductors
Product specification
Dual monostable multivibrator
HEF4528B
MSI
Notes
1. Rt =5kΩ;Ct = 15 pF; for other Rt,Ct combinations and Ct < 0,01 µF see graph Fig.4.
2. Rt =10kΩ;Ct = 1000 pF; for other Rt,Ct combinations and Ct > 0,01 µF use formula tWO = K.Rt.Ct.
where: tWO = output pulse width (s)
Rt = external timing resistor (Ω)
Ct = external timing capacitor (F)
K = 0,42 for VDD =5V
K = 0,32 for VDD =10V
K = 0,30 for VDD =15V
3. Tamb = −40 to +85 °C; ∆tWO is referenced to tWO at Tamb =25 °C.
External timing
5
5
−
2000
k
Ω
resistor
10
Rt
5
−
2000
k
Ω
15
5
−
2000
k
Ω
External timing
5
no limits
capacitor
10
Ct
no limits
15
no limits
VDD
V
SYMBOL
MIN.
TYP.
MAX.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com