Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HEF4528BF Datasheet(PDF) 5 Page - NXP Semiconductors

Part # HEF4528BF
Description  Dual monostable multivibrator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4528BF Datasheet(HTML) 5 Page - NXP Semiconductors

  HEF4528BF Datasheet HTML 1Page - NXP Semiconductors HEF4528BF Datasheet HTML 2Page - NXP Semiconductors HEF4528BF Datasheet HTML 3Page - NXP Semiconductors HEF4528BF Datasheet HTML 4Page - NXP Semiconductors HEF4528BF Datasheet HTML 5Page - NXP Semiconductors HEF4528BF Datasheet HTML 6Page - NXP Semiconductors HEF4528BF Datasheet HTML 7Page - NXP Semiconductors HEF4528BF Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
January 1995
5
Philips Semiconductors
Product specification
Dual monostable multivibrator
HEF4528B
MSI
AC CHARACTERISTICS
VSS = 0 V; Tamb =25 °C; input transition times ≤ 20 ns; Rt =5kΩ;Ct =15pF
AC CHARACTERISTICS
VSS =0V; Tamb =25 °C; CL = 50 pF; input transition times ≤ 20 ns; see also waveforms Fig.5.
VDD
V
TYPICAL FORMULA FOR P (
µW)
Dynamic power
5
4000 fi +∑ (foCL) × VDD2
where
dissipation per
10
20 000 fi +∑ (foCL) × VDD2
fi = input freq. (MHz)
package (P)
15
59 000 fi +∑ (foCL) × VDD2
fo = output freq. (MHz)
CL = load capacitance (pF)
∑ (f
oCL) = sum of outputs
VDD = supply voltage (V)
VDD
V
SYMBOL
MIN.
TYP.
MAX.
Recovery time
5
0
−75
ns
for CD
10
tRCD
0
−30
ns
15
0
−25
ns
Minimum I0
550
25
ns
pulse width; LOW
10
tWI0L
30
15
ns
15
20
10
ns
Minimum I1
550
25
ns
pulse width; HIGH
10
tWI1H
30
15
ns
15
20
10
ns
Minimum CD
560
30
ns
pulse width; LOW
10
tWCDL
35
15
ns
15
25
10
ns
Set-up time
5
0
−105
ns
to avoid change
in output
CD → I0 or I1
10
tsu
0
−40
ns
15
0
−25
ns
Output O pulse
5
−
235
ns
note 1
width; HIGH
10
tWOH
−
155
ns
15
−
140
ns
Output O pulse
5
−
5,45
µs
note 2
width; HIGH
10
tWOH
−
4,95
µs
15
−
4,85
µs
Change in output O
5
−±3%
note 3
pulse width over
10
∆t
WO
−±2%
temperature
15
−±2%
Change in output O
5
−±2%
VDD ± 5%
pulse width over
10
∆tWO
−±1%
VDD
15
−±1%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com