Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP0081AS2 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HIP0081AS2
Description  Quad Inverting Power Drivers with Serial Diagnostic Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP0081AS2 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HIP0081AS2 Datasheet HTML 3Page - Intersil Corporation HIP0081AS2 Datasheet HTML 4Page - Intersil Corporation HIP0081AS2 Datasheet HTML 5Page - Intersil Corporation HIP0081AS2 Datasheet HTML 6Page - Intersil Corporation HIP0081AS2 Datasheet HTML 7Page - Intersil Corporation HIP0081AS2 Datasheet HTML 8Page - Intersil Corporation HIP0081AS2 Datasheet HTML 9Page - Intersil Corporation HIP0081AS2 Datasheet HTML 10Page - Intersil Corporation HIP0081AS2 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
of the serial bits as they are shifted out of DO. The fault
action that sets each of the diagnostics bits for each of the 4
switches is described below:
Bit 1 - indicates a thermal overload when the sensed junction
temperature of the output is greater than 150oC. When over-
temperature is sensed, the sensor output directly gates-off the
drive to the power output and the respective fault bit is set in
the diagnostic register. When the chip is sufficiently cooled,
the output is gated-on if the input remains ON.
Bit 2 - indicates the fault condition for an output-to-supply short
(shorted load). A small value of resistance (~0.01
Ω) in the
source-to-ground line of the output stage is used to sense the
output short. A comparator senses the voltage level and filters
the output to provide an input to the control stage and to the
diagnostic register. The control state directly shuts down the
output when an over-current condition is sensed. Under this
condition of fault, the input driver is latched off. To restore the
output drive, the short must be removed and the input toggled
OFF and then ON. A short to the supply is the only error
condition that requires an input toggle reset.
Bit 3 - indicates the condition of an output to ground short.
As shown in the Functional Block Diagram, each output
stage has drain-to-supply (VCC1) and drain-to-ground pull-
up and pull-down resistors of approximately 10k
Ω to sense
this condition. When the output is off and the sense level is
low, an output-to-ground short is detected by the
comparator. This condition is sensed when the output is
pulled lower than 0.24xVCC (typical).
Bit 4 - indicates the condition of an open load on the output.
The same divider noted for Bit 3 is used to set the output
level. If the sense level is at or near the mid-range of the
voltage supply, VCC1 when the output is in the off
condition, a no-load condition is detected.
Serial Peripheral Interface Bus Control
Technically, the HIP0080 and HIP0081 fault data has only 16
bits. Except for the Error Flag, DF data bit shown in Figure 2,
the format matches that of a normal CPOL = 0, CPHA = 1 SPI
protocol (polarities, phase, etc). The DF bit from the DO output
is active only until the clock starts. The best way to take
advantage of it (if desired) is to connect the DO to the SPI bus,
and also to a port pin, or other logic input. After CS goes low
and before the SPI clocks starts, the DF bit can be read. If it is a
zero, then the rest of the data does not have to be read. (The
data will be all 0’s = no errors). If the DF bit = 1, then the data
must be read to find out which bit(s) is set.
Multiple ICs can be cascaded such that an error bit on any IC
will daisy chain up to the last DO; this allows the microcontroller
to “wire-OR” all of the devices automatically. Other than
bidirectional data IC types, different IC types may be cascaded.
The HIP0080 or HIP0081 should be closest to the
microcontroller to use the DF bit feature. ICs that do not have
an OR’ed means of passing fault bit would require all data be
clocked to check the diagnostic bits.
Clamp Energy Ratings for the HIP0080
and HIP0081
Figures 4 and 5 define the Single Pulse Energy ratings for the
HIP0080 and HIP0081. Refer to Application Note AN9416 for
further information on Single Pulse Energy ratings for inductive
load operation and Dissipation capability for the 15 pin Power
SIP Package. The Device Under Test conducts when the zener
over voltage clamp turns on the output. While drain-to-source
voltage, VDS and drain current, ID are monitored, the current
drive pulse width, tON in seconds is varied to determine the
Single Pulse Energy capability. The energy in Joules is
calculated from the following equation:
Single Pulse Energy = VDS x ID x tON.
Refer to Application Note 9416 for further information on
Single Pulse Energy ratings for inductive load operation
and Dissipation capability for the 15 pin Power SIP
Package.
TABLE 1. SERIAL REGISTER DATA SEQUENCE
CHANNEL NO.
BIT
NO.
FAULT FUNCTION
FAULT
SYMBOL
Switch
Channel 1
1
Over-Temperature
OT1
2
Short to Supply
SB1
3
Short to Ground
SG1
4
Open Load
OI1
Switch
Channel 2
5
Over-Temperature
OT2
6
Short to Supply
SB2
7
Short to Ground
SG2
8
Open Load
OI2
Switch
Channel 3
9
Over-Temperature
OT3
10
Short to Supply
SB3
11
Short to Ground
SG3
12
Open Load
OI3
Switch
Channel 4
13
Over-Temperature
OT4
14
Short to Supply
SB4
15
Short to Ground
SG4
16
Open Load
OI4
HIP0080, HIP0081



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com