Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP0081AS2 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HIP0081AS2
Description  Quad Inverting Power Drivers with Serial Diagnostic Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP0081AS2 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HIP0081AS2 Datasheet HTML 4Page - Intersil Corporation HIP0081AS2 Datasheet HTML 5Page - Intersil Corporation HIP0081AS2 Datasheet HTML 6Page - Intersil Corporation HIP0081AS2 Datasheet HTML 7Page - Intersil Corporation HIP0081AS2 Datasheet HTML 8Page - Intersil Corporation HIP0081AS2 Datasheet HTML 9Page - Intersil Corporation HIP0081AS2 Datasheet HTML 10Page - Intersil Corporation HIP0081AS2 Datasheet HTML 11Page - Intersil Corporation HIP0081AS2 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
FIGURE 1. DIAGNOSTIC INTERFACE LOGIC
FIGURE 2. DATA AND CLOCK TIMING
FIGURE 3. CASCADED CHIP OPERATION TO READ
DIAGNOSTIC DATA
DO
(EXT. PULL-UP
5k
Ω
50pF
5V
WITH LOAD)
Q
R
S
16-BIT PARALLEL
4
16
DIAG. DATA REG.
16-BIT SERIAL
DIAG. DATA REG.
DI
4
4
4
GATE
ERROR
FLAG BIT
16
4 OUTPUTS AND
4 BITS PER OUTPUT
1
CS
RESET
U1
U3
U7
U8*
POR
CLK
LOGIC
U4
U2
U9
U8*
U5
U6
CS
CLK
GATE
DI
DO
ERROR FLAG BIT
OT1 SB1 SG1
OI1
OT2
SB2.....
START OF 16 DIAGNOSTIC DATA BITS
DF
SHIFT
DI
DO
SHIFT
DI
DO
SHIFT
DI
DO
IC1
IC2
IC3
GATE
GATE
GATE
REGISTER
REGISTER
REGISTER
HIP0080, HIP0081



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com