Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP0081AS2 Datasheet(PDF) 10 Page - Intersil Corporation

Part # HIP0081AS2
Description  Quad Inverting Power Drivers with Serial Diagnostic Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP0081AS2 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HIP0081AS2 Datasheet HTML 6Page - Intersil Corporation HIP0081AS2 Datasheet HTML 7Page - Intersil Corporation HIP0081AS2 Datasheet HTML 8Page - Intersil Corporation HIP0081AS2 Datasheet HTML 9Page - Intersil Corporation HIP0081AS2 Datasheet HTML 10Page - Intersil Corporation HIP0081AS2 Datasheet HTML 11Page - Intersil Corporation HIP0081AS2 Datasheet HTML 12Page - Intersil Corporation HIP0081AS2 Datasheet HTML 13Page - Intersil Corporation HIP0081AS2 Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
The Junction-to-Ambient equivalent to Equation 3, 3A is:
or:
Not all Integrated Circuit packages have a directly definable
case temperature because the heat is spread through the
lead frame to a PC Board which is the effective heat sink.
Calculation Example 1
For the HIP0081,
θ
JC = 3
oC/W and the worst case junction
temperature, as an application design solution, should not
exceed 150oC. For a given application, Equation 1
determines the dissipation, PD.
Assume the package is mounted to a heat sink having a
thermal resistance of 6oC/W and, for a given application,
assume the dissipation is 3W and the ambient temperature
(TA) is 100
oC. From Equation 4, θJA is 9oC/W. The solution
for junction temperature (TC) by Equation 3 is:
TJ = 100
oC + 3W x 9oC/W = 127oC.
Calculation Example 2:
Assume for the HIP0080,
θ
JA = 30
oC/W mounted on a PC
Board with good heat sinking characteristics. Again, the
worst case junction temperature, as an application design
solution, should not exceed 150oC. Assume from the
application, based on Equation 1, the dissipation,
PD = 1.5W. The maximum junction temperature is known
and can be used to determine the maximum allowable
ambient temperature from Equation 5A as follows:
TA = 150
oC - 1.5W x 30oC/W = 105oC.
Equal Current Loading Solution
Many applications may have equal current loading in the
output drivers with equal saturated turn ON and
temperature conditions. As such, a convenient method to
show rating boundaries is to substitute the dissipation
Equation 2 into the junction temperature Equation 3. For m
outputs that are ON and conducting with equal currents,
where I = I1=I2.....=Im, we have the following solution for
dissipation:
The number of output drivers ON and conducting (m) may
be from 1 to n. (i.e., For all four output drivers of the HIP0081
ON, m = 4.) Maximum temperature, dissipation and current
ratings must be observed. For a defined number of
conducting Power MOS Output Drivers, we can plot the
results for m devices showing I vs TC.
Given the HIP0081 as an example, Figures 6 and Figure 7
illustrate the boundaries for temperature and current. Figure
6 shows the maximum current for a single output ON while
Figure 7 shows the maximum current for all four outputs ON
with equal current plotted versus Case Temperature, TC.
Boundary conditions relate to the Absolute Maximum
Ratings as defined in the Data Sheet.
T
J
T
A
P
D
θ
JA
×
+
=
(EQ. 5)
(EQ. 5A)
T
A
T
J
P
D
θ
JA
×
–
=
(EQ. 6)
P
D
mP
k
×
mI
×
2
r
DS ON
()
×
==
I
T
J
T
C
–
m
θ
JC
r
DS ON
()
×
×
--------------------------------------------------
=
(EQ. 7)
FIGURE 6. HIP0081 MAXIMUM SINGLE OUTPUT CURRENT vs CASE (TAB) TEMPERATURE
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
CASE (HEAT SINK TAB) TEMPERATURE (oC)
(1)
(2)
CURVE (1): rDS(ON) = 1Ω
CURVE (2): rDS(ON) = 0.5Ω
THERMAL RESISTANCE,
θJC = 3oC/W
MAX. +IOUT(DC)
HIP0080, HIP0081



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com