Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS137 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ATS137
Description  SINGLE HALL EFFECT SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ATS137 Datasheet(HTML) 5 Page - Diodes Incorporated

  ATS137 Datasheet HTML 1Page - Diodes Incorporated ATS137 Datasheet HTML 2Page - Diodes Incorporated ATS137 Datasheet HTML 3Page - Diodes Incorporated ATS137 Datasheet HTML 4Page - Diodes Incorporated ATS137 Datasheet HTML 5Page - Diodes Incorporated ATS137 Datasheet HTML 6Page - Diodes Incorporated ATS137 Datasheet HTML 7Page - Diodes Incorporated ATS137 Datasheet HTML 8Page - Diodes Incorporated ATS137 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ATS137
SINGLE HALL EFFECT SWITCH
ATS137 Rev. 4
5 of 10
FEBRUARY 2007
www.diodes.com
© Diodes Incorporated
Application Information
Operating principle:
ATS137 is a three-pin Hall Effect switch IC which can turn magnetic flux variety to digital output signal. In other words, it is an interface
from magnetic system to an electrical one by Hall effect. The illustrations are shown in Fig.1.
VO
Vce(SAT)
VCC
Magnetic Flux
(Gauss)
Turn On
Turn Off
hys
B
op
B
rp
B
Magnet
Electrical
S
Marking
Side
Fig.1 Hall-Effect Switch
Output driver is open-collector topology and maximum sink current (Isink) is 25mA. The illustrated circuit is shown as Fig. 2.
ATS137
3.5 V ~20V
Digital Output
VCC
DO
VSS
Vo
L
R
sink
I
Fig.2 Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com