Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS137 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ATS137
Description  SINGLE HALL EFFECT SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ATS137 Datasheet(HTML) 4 Page - Diodes Incorporated

  ATS137 Datasheet HTML 1Page - Diodes Incorporated ATS137 Datasheet HTML 2Page - Diodes Incorporated ATS137 Datasheet HTML 3Page - Diodes Incorporated ATS137 Datasheet HTML 4Page - Diodes Incorporated ATS137 Datasheet HTML 5Page - Diodes Incorporated ATS137 Datasheet HTML 6Page - Diodes Incorporated ATS137 Datasheet HTML 7Page - Diodes Incorporated ATS137 Datasheet HTML 8Page - Diodes Incorporated ATS137 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ATS137
SINGLE HALL EFFECT SWITCH
ATS137 Rev. 4
4 of 10
FEBRUARY 2007
www.diodes.com
© Diodes Incorporated
Electrical Characteristics
(TA = + 25°C)
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage
VCC
—
3.5
-
20
V
Output Saturation Voltage
Vce(SAT)
VCC = 14V, ICC = 20mA
-
300
700
mV
Output Leakage Current
Icex
Vce = 14V, VCC = 14V
-
<
0.1
10
uA
Supply Current
ICC
VCC =20V, Output Open
-
5
10
mA
Output Rise Time
tr
VCC = 14V, RL = 820Ω,
CL = 20pF
-
0.3
1.5
us
Output Falling Time
tf
VCC = 14V, RL = 820Ω, CL =
20pF
-
0.3
1.5
us
CL
14V
DO
RL = 820 Ohm
CL = 20 pF
RL
Test Circuit
Magnetic Characteristics
(TA = 25
oC)
(1mT = 10 Gauss)
A grade
Parameter
Symbol
Min.
Typ.
Max.
Unit
Operation Point
Bop
-
-
100
Gauss
Release Point
Brp
10
-
-
Gauss
Hysteresis
Bhys
-
80
-
Gauss
B grade (for SIP-3L only)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Operation Point
Bop
-
-
130
Gauss
Release Point
Brp
10
-
-
Gauss
Hysteresis
Bhys
-
80
-
Gauss
Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com