Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS137 Datasheet (PDF) - Diodes Incorporated

ATS137 Datasheet PDF - Diodes Incorporated
Part # ATS137
Download  ATS137 Download
File Size   189.26 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE HALL EFFECT SWITCH

ATS137 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATS137 Datasheet PDF - Diodes Incorporated

Part # ATS137
Download  ATS137 Click to download

File Size   189.26 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE HALL EFFECT SWITCH

ATS137 Datasheet (HTML) - Diodes Incorporated


ATS137 Product details

General Description
ATS137 is a switched Hall-Effect IC, which is for contactless switching applications. The device includes an on-chip Hall voltage generator for magnetic sensing, an amplifier that amplifies the Hall voltage, a Schmitt trigger to provide switching hysteresis for noise rejection, and an open-collector output. The bandgap regulator allows a wide operating voltage range. ATS137 is rated for operating temperature range from -20°C to 85°C and voltage range from 3.5V to 20V.

Features
• 3.5V to 20V DC Operation Voltage
• Temperature Compensation
• Wide Operating Voltage Range
• Open-Collector Pre-Driver
• 25mA Maximum Sinking Output Current
• Reverse Polarity Protection
• Lead Free Package: SIP-3L and SC59-3L (Commonly known as SOT23 in Asia)
• SIP-3L and SC59-3L: Available in “Green” Molding Compound (No Br, Sb)
• Lead Free Finish / RoHS Compliant (Note 1)

Applications
• VCD/DVD Loader, CD/DVD ROM
• Cover Detector
• Speed Measurement
• Home Appliances
• Home Safety




Similar Part No. - ATS137

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
ATS137 ANACHIP-ATS137 Datasheet
202Kb / 7P
Single Hall Effect Switch
Rev.A5 Jul 14, 2004
logo
Diodes Incorporated
ATS137 DIODES-ATS137 Datasheet
202Kb / 12P
SINGLE HALL EFFECT SWITCH
ATS137 Rev. 10
logo
Anachip Corp
ATS137-P-A ANACHIP-ATS137-P-A Datasheet
202Kb / 7P
Single Hall Effect Switch
Rev.A5 Jul 14, 2004
ATS137-P-B ANACHIP-ATS137-P-B Datasheet
202Kb / 7P
Single Hall Effect Switch
Rev.A5 Jul 14, 2004
ATS137-PA-A ANACHIP-ATS137-PA-A Datasheet
202Kb / 7P
Single Hall Effect Switch
Rev.A5 Jul 14, 2004
More results


Similar Description - ATS137

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
ATS137 ANACHIP-ATS137 Datasheet
202Kb / 7P
Single Hall Effect Switch
Rev.A5 Jul 14, 2004
AH337 ANACHIP-AH337 Datasheet
255Kb / 8P
Single Phase Hall Effect Switch
Rev.1.2 Mar. 29, 2006
logo
Rohm
BU52003GUL ROHM-BU52003GUL Datasheet
189Kb / 6P
Hall effect Switch
BU52012HFV ROHM-BU52012HFV Datasheet
186Kb / 6P
Hall effect Switch
BU52014HFV ROHM-BU52014HFV Datasheet
197Kb / 6P
Hall effect Switch
logo
GTM CORPORATION
G6853 GTM-G6853 Datasheet
149Kb / 4P
Single Output Hall Effect Switch IC
logo
Rohm
BU52015GUL ROHM-BU52015GUL Datasheet
192Kb / 5P
Hall effect Switch
logo
Diodes Incorporated
ATS137 DIODES-ATS137_10 Datasheet
202Kb / 12P
SINGLE HALL EFFECT SWITCH
ATS137 Rev. 10
AH337 DIODES-AH337 Datasheet
164Kb / 9P
SINGLE PHASE HALL EFFECT SWITCH
Rev 9
logo
Major-Power Technology ...
MA7015 MPOWER-MA7015 Datasheet
167Kb / 2P
Hall Effect Switch
Rev.1.0
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com