Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTM100A13SCG Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # APTM100A13SCG
Description  SiC diodes MOSFET Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

APTM100A13SCG Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  APTM100A13SCG Datasheet HTML 1Page - Inchange Semiconductor Company Limited APTM100A13SCG Datasheet HTML 2Page - Inchange Semiconductor Company Limited APTM100A13SCG Datasheet HTML 3Page - Inchange Semiconductor Company Limited APTM100A13SCG Datasheet HTML 4Page - Inchange Semiconductor Company Limited APTM100A13SCG Datasheet HTML 5Page - Inchange Semiconductor Company Limited APTM100A13SCG Datasheet HTML 6Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ISCFM8017
eq APTM100A13SCG
SiC diodes MOSFET Power Module
www.iscsemi.com
2
MOSFET ChaRACTERISTICS (TC =25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 6mA
3.0
--
5.0
V
RDS(on)
Drain-Source On-stage Resistance VGS= 10V; ID= 32.5A
--
130
156
mΩ
IGSS
Gate Source Leakage Current
VGS= ±30V; VDS= 0V
--
--
±
450
nA
IDSS
Zero Gate Voltage Drain Current
VDS = 1000V, VGS = 0V,Tj= 25℃
--
--
600
uA
VDS = 800V, VGS = 0V,Tj= 125℃
--
--
2
mA
Ciss
Input Capacitance
VGS = 0V,
VDS = 25V,
f = 1MHz
--
15.6
--
nF
Coss
Output Capacitance
--
2.6
--
Crss
Reverse Transfer Capacitance
--
0.43
--
Qg
Total Gate Charge
VGS = 10V,
VBus= 500V,
ID=65A
--
570
--
nC
Qgs
Gate-Source Charge
--
75
--
Qgd
Gate-Drain Charge
--
363
--
Eon
Turn-On Switching Energy
TJ=25°C,
VGS= 15V, ID= 65A,
VBus= 667V, Rg= 0.5Ω
--
1280
--
uJ
Eoff
Turn-Off Switching Energy
--
463
--
Eon
Turn-On Switching Energy
TJ=25°C,
VGS= 15V, ID= 65A,
VBus= 667V, Rg= 0.5Ω
--
2673
--
uJ
Eoff
Turn-Off Switching Energy
--
571
--
RthJC
Junction to Case Thermal Resistance
--
--
0.1
℃
/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com