Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTM100A13SCG Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # APTM100A13SCG
Description  SiC diodes MOSFET Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

APTM100A13SCG Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  APTM100A13SCG Datasheet HTML 1Page - Inchange Semiconductor Company Limited APTM100A13SCG Datasheet HTML 2Page - Inchange Semiconductor Company Limited APTM100A13SCG Datasheet HTML 3Page - Inchange Semiconductor Company Limited APTM100A13SCG Datasheet HTML 4Page - Inchange Semiconductor Company Limited APTM100A13SCG Datasheet HTML 5Page - Inchange Semiconductor Company Limited APTM100A13SCG Datasheet HTML 6Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ISCFM8017
eq APTM100A13SCG
SiC diodes MOSFET Power Module
www.iscsemi.com
1
FEATURES
·
VDSS
=1000V,RDS(on)= 130mΩ(typ)@Tj=25℃
·
Kelvin source for easy drive
·
Very low stray inductance
·
High level of integration
APPLICATIONS
·
Motor control
·
Switched Mode Power Supplies
·
Uninterruptible Power Supplies
Absolute Maximum Ratings(TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Breakdown Voltage
1000
V
VGS
Gate-Source Voltage
±
30
V
ID
Continuous Drain Current
Tc= 25℃
Tc= 80℃
65
A
49
A
IDM
Maximum Pulsed Drain-Source Current
240
A
TJ
Operating Junction Temperature
-40~150
TSTG
Storage Temperature Range
-40~125
PD
Maximum power dissipation
1250
W


Similar Part No. - APTM100A13SCG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTM100A13SCG MICROSEMI-APTM100A13SCG Datasheet
283Kb / 7P
Phase leg Series & SiC parallel diodes MOSFET Power Module
More results

Similar Description - APTM100A13SCG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM50HM75SCT ADPOW-APTM50HM75SCT Datasheet
327Kb / 7P
Full bridge Series & SiC parallel diodes MOSFET Power Module
logo
Microsemi Corporation
APTM50AM24SCG MICROSEMI-APTM50AM24SCG Datasheet
287Kb / 7P
Phase leg Series & SiC parallel diodes MOSFET Power Module
APTM50AM38SCTG MICROSEMI-APTM50AM38SCTG Datasheet
300Kb / 8P
Phase leg Series & SiC parallel diodes MOSFET Power Module
APTM50HM75SCTG MICROSEMI-APTM50HM75SCTG Datasheet
309Kb / 8P
Full bridge Series & SiC parallel diodes MOSFET Power Module
APTM100A13SCG MICROSEMI-APTM100A13SCG Datasheet
283Kb / 7P
Phase leg Series & SiC parallel diodes MOSFET Power Module
APTM100H45SCTG MICROSEMI-APTM100H45SCTG Datasheet
300Kb / 8P
Full bridge Series & SiC parallel diodes MOSFET Power Module
APTM100A23SCTG MICROSEMI-APTM100A23SCTG Datasheet
300Kb / 7P
Phase leg Series & SiC parallel diodes MOSFET Power Module
APTM120U10SCAVG MICROSEMI-APTM120U10SCAVG Datasheet
238Kb / 8P
Single switch Series & SiC parallel diodes MOSFET Power Module
logo
Inchange Semiconductor ...
GA100JT12-ISCFM8004 ISC-GA100JT12-ISCFM8004 Datasheet
365Kb / 5P
SiC MOSFET Power Module
2023-9-26
GA100JT17-ISCFM8005 ISC-GA100JT17-ISCFM8005 Datasheet
365Kb / 5P
SiC MOSFET Power Module
2023-9-26
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com