Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTM100A13SCG Datasheet(PDF) 3 Page - Inchange Semiconductor Company Limited

Part # APTM100A13SCG
Description  SiC diodes MOSFET Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

APTM100A13SCG Datasheet(HTML) 3 Page - Inchange Semiconductor Company Limited

  APTM100A13SCG Datasheet HTML 1Page - Inchange Semiconductor Company Limited APTM100A13SCG Datasheet HTML 2Page - Inchange Semiconductor Company Limited APTM100A13SCG Datasheet HTML 3Page - Inchange Semiconductor Company Limited APTM100A13SCG Datasheet HTML 4Page - Inchange Semiconductor Company Limited APTM100A13SCG Datasheet HTML 5Page - Inchange Semiconductor Company Limited APTM100A13SCG Datasheet HTML 6Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ISCFM8017
eq APTM100A13SCG
SiC diodes MOSFET Power Module
www.iscsemi.com
3
Series Diode Characteristics (TC =25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VRRM
Maximum Repetitive Reverse Voltage
1000
--
--
V
VF
Diode Forward Voltage
IF= 120A
--
1.9
2.5
V
IF= 240A
--
2.2
--
IF= 120A;TJ=150°C
--
1.7
--
trr
Reverse Recovery Time
ISD = 120 A, VR = 667V,
di/dt=400A/us
--
282
--
ns
Qrr
Reverse Recovery Charge
--
1521
--
nC
IF
DC Forward Current
TC=100℃
--
120
--
A
IRM
Maximum Reverse Leakage
Current
VR=1000V
--
--
350
uA
RthJC
Junction to Case Thermal Resistance
--
--
0.46
/W
SiC Diode Characteristics (TC =25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VRRM
Maximum Repetitive Reverse Voltage
1200
--
--
V
VF
Diode Forward Voltage
IF= 40A
--
1.6
1.8
V
IF= 40A;TJ=175°C
--
2.6
3.0
QC
Total Capacitive Charge
IF = 40 A, VR = 600V,
di/dt= 2000A/us
--
113
--
nC
Q
otal Capacitance
f = 1MHz, VR = 200V
--
361
--
pF
f = 1MHz, VR = 400V
265
IF
Diode Forward Current
IF=40A,TC=125℃
--
40
--
A
IRM
Maximum Reverse Leakage
Current
VR=1200V,Tj= 25℃
VR=1200V,Tj= 125℃
--
400
1600
uA
800
8000
RthJC
Junction to Case Thermal Resistance
--
--
0.35
/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com