Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSG Datasheet(PDF) 2 Page - RFE international

Part # LSG
Description  Aluminum Electrolytic Capacitors LSG Series: Snap-in Terminal Type, 105°C
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

LSG Datasheet(HTML) 2 Page - RFE international

  LSG Datasheet HTML 1Page - RFE international LSG Datasheet HTML 2Page - RFE international LSG Datasheet HTML 3Page - RFE international LSG Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Aluminum Electrolytic Capacitors
LSG Series: Snap-in Terminal Type, 105
°C
Page 2 of 4
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
(DIMENSION: ΦDxL (mm); RIPPLE CURRENT: A/RMS at 120Hz, 105°C)
8-FEB-2023
V.D.C.
CODE
3300 332
22 X 25 1.30
3900 392
22 X 30 1.50
4700 472
22 X 25 1.63 25 X 25 1.70
5600 562
22 X 25 1.63 25 X 25 1.77 30 X 25 1.99
6800 682
22 X 30 1.86 25 X 30 2.04 30 X 30 2.24
8200 822
22 X 25 1.73
22 X 35 2.10 25 X 35 2.60 30 X 25 2.49 35 X 25 2.69
10000 103 20 X 25 1.61 22 X 25 1.78
22 X 30 2.05 25 X 25 2.05
22 X 40 2.42 25 X 40 2.83 30 X 30 2.75
12000 123
22 X 25 1.92
22 X 35 2.23 25 X 25 2.09 30 X 25 2.45 35 X 25 2.74 22 X 45 2.79 25 X 45 3.00 30 X 35 2.96 35 X 25 2.75
15000 153
22 X 30 2.00 25 X 25 2.25
22 X 40 3.00 25 X 35 2.80 30 X 25 2.72 35 X 25 3.00
25 X 45 3.24 30 X 45 3.24 35 X 25 3.12
22 X 35 2.49 25 X 30 2.52 30 X 25 2.61
22 X 45 2.90 25 X 35 2.83 30 X 30 3.07 35 X 25 3.02
25 X 50 3.71 30 X 45 4.07 35 X 35 4.02
35 X 40 4.37
22000 223
22 X 40 2.90 25 X 30 2.77 30 X 25 2.88
22 X 50 3.30 25 X 40 3.22 30 X 30 3.18 35 X 25 3.07
30 X 45 4.34 35 X 40 4.69
27000 273
25 X 35 3.02 30 X 30 3.15
30 X 35 3.35 35 X 30 3.46
33000 333
30 X 30 3.48 35 X 25 3.57
39000 393
30 X 35 4.03 35 X 30 4.16
47000 473
35 X 35 4.85
25
30
35
22
25V (1E)
22
35V (1V)
25
30
35
35
16V (1C)
18000 183
μF
20
22
25
30
V.D.C.
CODE
1000 102
22 X 25 1.05
1200 122
22 X 25 1.19
22 X 30 1.24
1500 152
22 X 25 1.30 25 X 25 1.38
22 X 35 1.48 25 X 25 1.38
1800 182 22 X 25 1.33
22 X 25 1.36 25 X 25 1.52
22 X 40 1.72 25 X 30 1.63
2200 222 22 X 25 1.48
22 X 30 1.55 25 X 25 1.60
22 X 45 1.82 25 X 30 1.65
2700 272 22 X 25 1.53 25 X 25 1.57
22 X 35 1.89 25 X 30 1.90 30 X 25 1.97
25 X 45 2.17 30 X 30 2.03
3300 332 22 X 30 1.76 25 X 25 1.70
22 X 40 1.99 25 X 35 2.06 30 X 25 2.00 35 X 25 2.22
25 X 50 2.51
35 X 25 2.30
3900 392 22 X 35 1.97 25 X 25 1.82 30 X 25 1.95
22 X 45 2.34 25 X 35 2.20 30 X 25 2.18 35 X 25 2.40
30 X 45 2.89 35 X 30 2.68
4700 472 22 X 35 2.01 25 X 30 2.18 30 X 25 2.04 35 X 25 2.48 22 X 50 2.58 25 X 40 2.51 30 X 30 2.48 35 X 25 2.54
30 X 50 2.97 35 X 30 2.64
5600 562 22 X 40 2.32 25 X 35 2.47 30 X25 2.33
25 X 45 2.92 30 X 35 2.91 35 X 30 3.00
30 X 45 3.10 35 X 45 3.39
35 X 40 3.56
22 X 45 2.70 25 X 40 2.92 30 X 30 2.84 35 X 25 2.91
30 X 50 3.65 35 X 30 3.30
35 X 50 3.90
8200 822
25 X 45 3.13 30 X 35 3.13 35 X 30 3.23
30 X 45 3.57 35 X 35 3.52
10000 103
25 X 50 3.39 30 X 40 3.55 35 X 30 3.47
35 X 40 3.90
12000 123
30 X 45 4.04 35 X 35 3.98
35 X 45 4.50
15000 153
30 X 50 4.60 35 X 45 4.80
35
80V
22
25
30
35
63V (1J)
22
25
30
μF
50V (1H)
22
25
30
35
6800 682
Plate
Vent
Sleeve
DIAGRAM OF DIMENSIONS in mm
DIMENSION AND PERMISSIBLE RIPPLE CURRENT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com